Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RFM95 Arkusz danych(PDF) 80 Page - HOPE Microelectronics CO., Ltd.

Numer części RFM95
Szczegółowy opis  Low Power Long Range Transceiver Module
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HOPE [HOPE Microelectronics CO., Ltd.]
Strona internetowa  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM95 Arkusz danych(HTML) 80 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM95 Datasheet HTML 76Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 77Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 78Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 79Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 80Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 81Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 82Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 83Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 84Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 121 page
background image
Page 80
RFM95/96/97/98(W)
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
5.4.4. Over Current Protection
The power amplifiers of RFM95/96/97/98(W) are protected against current over supply in adverse RF load conditions by
the over current protection block. This has the added benefit of protecting battery chemistries with limited peak current
capability and minimising worst case PA consumption in battery life calculation. The current limiter value is controlled by the
OcpTrim
bits in RegOcp, and is calculated according to the following formulae:
Table 81 Trimming of the OCP Current
OcpTrim
IMAX
Imax Formula
0 to 15
45 to 120 mA
45 + 5*OcpTrim [mA]
16 to 27
130 to 240 mA
-30 + 10*OcpTrim [mA]
27+
240 mA
240 mA
Note Imax sets a limit on the current drain of the Power Amplifier only, hence the maximum current drain of the
RFM96/
77/78 is equal to Imax + IFS.
5.5. Receiver Description
5.5.1. Overview
The RFM95/96/97/98(W) features a digital receiver with the analog to digital conversion process being performed directly
following the LNA-Mixers block. In addition to the LoRaTM  modulation scheme the low-IF receiver is able to demodulate
ASK, OOK, (G)FSK and (G)MSK modulation. All filtering, demodulation, gain control, synchronization and packet handling
is performed digitally allowing a high degree of programmable flexibility. The receiver also has automatic gain calibration,
this improves the precision of RSSI measurement and enhances image rejection.
5.5.2. Receiver Enabled and Receiver Active States
In the receiver operating mode two states of functionality are defined. Upon initial transition to receiver operating mode the
receiver is in the ‘receiver-enabled’ state. In this state the receiver awaits for either the user defined valid preamble or RSSI
detection criterion to be fulfilled. Once met the receiver enters ‘receiver-active’ state. In this second state the received
signal is processed by the packet engine and top level sequencer. For a complete description of the digital functions of the
RFM95/96/97/98(W) receiver please see Section 4 of the datasheet.
5.5.3. Automatic Gain Control In FSK/OOK Mode
The AGC feature allows receiver to handle a wide Rx input dynamic range from the sensitivity level up to maximum input
level of 0dBm or more, whilst optimizing the system linearity.
The following table shows typical NF and IIP3 performances for the RFM95/96/97/98(W) LNA gains
available.


Podobny numer części - RFM95

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HOPE Microelectronics C...
RFM95CW HOPE-RFM95CW Datasheet
230Kb / 6P
   915MHz LoRa Transceiver Module
RFM95CW-915S2 HOPE-RFM95CW-915S2 Datasheet
230Kb / 6P
   915MHz LoRa Transceiver Module
RFM95PW HOPE-RFM95PW Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
RFM95PW-868S2 HOPE-RFM95PW-868S2 Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
RFM95PW-915S2 HOPE-RFM95PW-915S2 Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
More results

Podobny opis - RFM95

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
   Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
HOPE Microelectronics C...
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
   Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
RN2903 MICROCHIP-RN2903_18 Datasheet
1Mb / 26P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
10/25/17
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
   Low Power Long Range Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com