Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CH341A Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części CH341A
Szczegółowy opis  CH341 is a USB bus convert chip, providing UART, printer port, parallel and synchronous serial with 2-wire or 4-wire through USB bus
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

CH341A Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  CH341A Datasheet HTML 1Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 2Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 3Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 4Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 5Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 6Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 7Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 8Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
The DataSheet of CH341 (the first)
1
USB bus convert chip CH341
English DataSheet
Version:2D
http://wch.cn
http://wch-ic.com
1. Introduction
CH341 is a USB bus convert chip, providing UART, printer port, parallel and synchronous serial with
2-wire or 4-wire through USB bus.
In UART mode, CH341 provides alternant rate control signals such as serial transfer enable, serial
receive in ready etc. It also supplies common MODEM communication signal in order to expand UART for
computer or upgrade common synchronous interface device to USB bus directly.
In printer port mode, CH341 supplies standard USB printer port which compounds USB relevant
protocol and Windows operate system used to upgrade ordinary parallel printer to USB bus directly.
In parallel mode, CH341 gives out 8-bit parallel in EPP or MEM mode. It can be used to input/output
data directly without MCU/DSP.
Besides, CH341A also supports some common synchronous serial such as 2-wire (SCL, SDA) and
4-wire (CS, SCK/CLK, MISO/SDI/DIN and MOSI/SDO/DOUT) interface.
D+
D-
2. Features
2.1.Introduction
● Full speed USB device interface, conforms to USB Specification Version 2.0, only needs crystal and
capacitance external.
● Optional: define Vender ID, production ID and list number through external low-cost serial EEPROM.
● Supports 5V and 3.3V power source.
● Low-cost, directly convert serial peripheral equipment, parallel printer and parallel peripheral
equipment.
● SOP-28 and SSOP-20 package lead free, compatible with RoHS.
● Only compatible with application layer because interfaces are diverted via USB.
Computer
and other
USB host
CH341
Convert chip
UART/RS232/RS485/RS422
Parallel printer to USB printer
EPP parallel and MEM parallel
Common 2-wire and 4-wire synchronous serial


Podobny numer części - CH341A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nanjing Qinheng Microel...
CH341A WCH-CH341A Datasheet
214Kb / 12P
   Bus switching chip
logo
List of Unclassifed Man...
CH341A ETC-CH341A Datasheet
179Kb / 14P
   USB bus convert chip
More results

Podobny opis - CH341A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CH341A ETC-CH341A Datasheet
179Kb / 14P
   USB bus convert chip
logo
Exar Corporation
ST16C452CJ68PS-F EXAR-ST16C452CJ68PS-F Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452 EXAR-ST16C452 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
logo
List of Unclassifed Man...
MCS7715 ETC1-MCS7715 Datasheet
250Kb / 2P
   USB to Combo Serial & Printer Port
logo
NXP Semiconductors
PDIUSBD12 PHILIPS-PDIUSBD12 Datasheet
167Kb / 22P
   USB interface device with parallel bus
Rev. 08-20 December 2001
logo
Future Technology Devic...
FT232BQ FTDI-FT232BQ Datasheet
557Kb / 26P
   USB UART ( USB - Serial) I.C.
FT232BM FTDI-FT232BM Datasheet
575Kb / 25P
   USB UART ( USB - Serial) I.C.
FT232BL FTDI-FT232BL Datasheet
540Kb / 25P
   USB UART ( USB - Serial) I.C.
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com