Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FR9888 Arkusz danych(PDF) 6 Page - Fitipower Integrated Technology Inc.

Numer części FR9888
Szczegółowy opis  23V, 3.5A, 340KHz Synchronous Step-Down DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FITIPOWER [Fitipower Integrated Technology Inc.]
Strona internetowa  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9888 Arkusz danych(HTML) 6 Page - Fitipower Integrated Technology Inc.

Back Button FR9888 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FR9888 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FR9888 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9888 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9888 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9888 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9888 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9888 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FR9888 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
FR9888- 1.0-APR-2011
FR9888
85T
fitipower integrated technology lnc.
Typical Performance Curves
VIN = 12V, VOUT = 3.3V, C1 =10uF x 2, C2 = 22uF x 2, L1 = 10uH, TA = +25℃, unless otherwise noted.
Figure 5. Efficiency vs. Load Current
Figure 6. Efficiency vs. Load Current
Figure 7. Efficiency vs. Load Current
Figure 8. Current Limit vs. Temperature
Figure 9. Feedback Voltage vs. Temperature
Figure 10. Switching Frequency vs. Temperature
VOUT = 1.2V
VOUT = 3.3V
VOUT = 5V


Podobny numer części - FR9888

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fitipower Integrated Te...
FR9888A FITIPOWER-FR9888A Datasheet
1Mb / 13P
   21V, 3A, 1.2MHz Synchronous Step-Down DC/DC Converter
FR9888ASPCTR FITIPOWER-FR9888ASPCTR Datasheet
1Mb / 13P
   21V, 3A, 1.2MHz Synchronous Step-Down DC/DC Converter
FR9888C FITIPOWER-FR9888C Datasheet
1Mb / 13P
   23V, 3.5A, 340KHz Synchronous Step-Down DC/DC Converter
FR9888CSECTR FITIPOWER-FR9888CSECTR Datasheet
1Mb / 13P
   23V, 3.5A, 340KHz Synchronous Step-Down DC/DC Converter
FR9888CSPCTR FITIPOWER-FR9888CSPCTR Datasheet
1Mb / 13P
   23V, 3.5A, 340KHz Synchronous Step-Down DC/DC Converter
More results

Podobny opis - FR9888

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fitipower Integrated Te...
FR9888C FITIPOWER-FR9888C Datasheet
1Mb / 13P
   23V, 3.5A, 340KHz Synchronous Step-Down DC/DC Converter
FR9886 FITIPOWER-FR9886 Datasheet
1Mb / 14P
   23V, 2.5A, 340KHz Synchronous Step-Down DC/DC Converter
FR9618 FITIPOWER-FR9618 Datasheet
1Mb / 13P
   23V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
FR9886D FITIPOWER-FR9886D Datasheet
1Mb / 15P
   23V, 2A/2.5A, 340KHz Synchronous Step-Down DC/DC Converter
FR9889 FITIPOWER-FR9889 Datasheet
659Kb / 13P
   23V, 3A, 340KHz Synchronous Step-Down DC/DC Converterxxxxxxxxxxx
MAY-2016
logo
Richtek Technology Corp...
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
RT8250 RICHTEK-RT8250 Datasheet
207Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
EV1570DN-00A MPS-EV1570DN-00A Datasheet
265Kb / 5P
   3A, 23V, 340KHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com