Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM185WH1 Arkusz danych(PDF) 9 Page - LG Semicon Co.,Ltd.

Numer części LM185WH1
Szczegółowy opis  SPECIFICATION FOR APPROVAL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LG [LG Semicon Co.,Ltd.]
Strona internetowa  
Logo LG - LG Semicon Co.,Ltd.

LM185WH1 Arkusz danych(HTML) 9 Page - LG Semicon Co.,Ltd.

Back Button LM185WH1 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LM185WH1 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LM185WH1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM185WH1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM185WH1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LM185WH1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LM185WH1 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LM185WH1 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LM185WH1 Datasheet HTML 13Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Product Specification
10 / 32
LM185WH1
Liquid Crystal Display
Ver. 1.0
Sep., 10, 2008
3-2. Interface connections
Table 4. Module connector(CN1) pin configuration
LCD connector(CN1) : IS100-L30B-C23 (UJU), 187024-30091 (P-TWO)
Mating connector : FI-X30H and FI-X30HL (JAE) or Equivalent
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
Pin No
Symbol
Description
RXO0-
RXO0+
RXO1-
RXO1+
RXO2-
RXO2+
GND
RXOC-
RXOC+
RXO3-
RXO3+
RXE0-
RXE0+
GND
RXE1-
RXE1+
GND
RXE2-
RXE2+
RXEC-
RXEC+
RXE3-
RXE3+
GND
NC
NC
PWM_OUT
VLCD
VLCD
VLCD
Minus signal of 1st channel 0 (LVDS)
Plus signal of 1st channel 0 (LVDS)
Minus signal of 1st channel 1 (LVDS)
Plus signal of 1st channel 1 (LVDS)
Minus signal of 1st channel 2 (LVDS)
Plus signal of 1st channel 2 (LVDS)
Ground (AGP)
Minus signal of 1st clock channel (LVDS)
Plus signal of 1st clock channel (LVDS)
Minus signal of 1st channel 3 (LVDS)
Plus signal of 1st channel 3 (LVDS)
Minus signal of 2nd channel 0 (LVDS)
Plus signal of 2nd channel 0 (LVDS)
Ground
Minus signal of 2nd channel 1 (LVDS)
Plus signal of 2nd channel 1 (LVDS)
Ground
Minus signal of 2nd channel 2 (LVDS)
Plus signal of 2nd channel 2 (LVDS)
Minus signal of 2nd clock channel (LVDS)
Plus signal of 2nd clock channel (LVDS)
Minus signal of 2nd channel 3 (LVDS)
Plus signal of 2nd channel 3 (LVDS)
Ground
No Connection (For LCD internal use only.)
No Connection (For LCD internal use only.)
Reference signal for inverter control
Power Supply (5.0V)
Power Supply (5.0V)
Power Supply (5.0V)


Podobny numer części - LM185WH1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LG Semicon Co.,Ltd.
LM185WH2 LG-LM185WH2 Datasheet
570Kb / 31P
   18.5inch HD TFT LCD
LM185WH2-TLA1 LG-LM185WH2-TLA1 Datasheet
570Kb / 31P
   18.5inch HD TFT LCD
More results

Podobny opis - LM185WH1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com