Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP171WU1 Arkusz danych(PDF) 6 Page - LG Semicon Co.,Ltd.

Numer części LP171WU1
Szczegółowy opis  17.1 WUXGA TFT LCD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LG [LG Semicon Co.,Ltd.]
Strona internetowa  
Logo LG - LG Semicon Co.,Ltd.

LP171WU1 Arkusz danych(HTML) 6 Page - LG Semicon Co.,Ltd.

Back Button LP171WU1 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Product Specification
6 / 27
LP171WU1
Liquid Crystal Display
Ver. 1.0
Mar, 19, 2007
3. Electrical Specifications
3-1. Electrical Characteristics
The LP171WU1 requires two power inputs. One is employed to power the LCD electronics and to drive the
TFT array and liquid crystal. The second input which powers the CCFL, is typically generated by an
inverter. The inverter is an external unit to the LCD.
Table 2. ELECTRICAL CHARACTERISTICS
9
5.26
4.84
-
P
BL
Power Consumption
8
V
RMS
V
RMS
1300
1500
Vs
Established Starting Voltage
at 25℃
at 0 ℃
LAMP :
3
V
RMS
930
(3.0mA)
745
(6.5mA)
710
(6.8mA)
V
BL
Operating Voltage
4
mA
RMS
6.8
6.5
3.0
I
BL
Operating Current
7
kHz
70
60
40
f
BL
Operating Frequency
5
Min
3
-
-
Ts
Discharge Stabilization Time
6
Hrs
-
-
15,000
Life Time
2
Ohm
110
100
90
Zm
Differential Impedance
1
Watt
2.70
2.15
-
Pc
Power Consumption
V
DC
3.6
3.3
3.0
VCC
Power Supply Input Voltage
1
mA
750
650
I
CC
Power Supply Input Current
MODULE :
Parameter
Symbol
Max
Typ
Min
Notes
Unit
Values
Note)
1. The specified current and power consumption are under the Vcc = 3.3V , 25℃, fv = 60Hz condition
whereas Mosaic pattern is displayed and fv is the frame frequency.
2. This impedance value is needed to proper display and measured form LVDS Tx to the mating connector.
3. The variance of the voltage is ± 10%.
4. The typical operating current is for the typical surface luminance (L
WH) in optical characteristics.
5. Define the brightness of the lamp after being lighted for 5 minutes as 100%, Ts is the time required for
the brightness of the center of the lamp to be not less than 95%.
6. The life time is determined as the time at which brightness of lamp is 50% compare to that of initial value
at the typical lamp current.
7. The output of the inverter must have symmetrical(negative and positive) voltage waveform and
symmetrical current waveform.(Asymmetrical ratio is less than 10%) Please do not use the inverter
which has asymmetrical voltage and asymmetrical current and spike wave.
Lamp frequency may produce interface with horizontal synchronous frequency and as a result this may
cause beat on the display. Therefore lamp frequency shall be as away possible from the
horizontal synchronous frequency and from its harmonics in order to prevent interference.
8. The voltage above VS should be applied to the lamps for more than 1 second for start-up. Otherwise, the
lamps may not be turned on. The used lamp current is the lamp typical current.
9. The lamp power consumption shown above does not include loss of external inverter.
The applied lamp current is a typical one.


Podobny numer części - LP171WU1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
LP171NMO PULSE-LP171NMO Datasheet
399Kb / 3P
   VHF 136-220 MHz
More results

Podobny opis - LP171WU1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LG Semicon Co.,Ltd.
LC470EUF LG-LC470EUF Datasheet
860Kb / 40P
   47.0 WUXGA TFT LCD
LM240WU8 LG-LM240WU8 Datasheet
1Mb / 32P
   24.0??WUXGA TFT LCD
LC420DUJ LG-LC420DUJ Datasheet
1Mb / 39P
   42.0 WUXGA TFT LCD
logo
Samsung semiconductor
LTM200KT10 SAMSUNG-LTM200KT10 Datasheet
539Kb / 33P
   TFT-LCD
logo
Chi Mei Corporation.
V236H1-LE2 CHIMEI-V236H1-LE2 Datasheet
654Kb / 28P
   TFT LCD
logo
Samsung semiconductor
LTI460HA01 SAMSUNG-LTI460HA01 Datasheet
642Kb / 27P
   TFT-LCD
logo
Wuxi Youda electronics ...
3Y26 YOUDA-3Y26 Datasheet
160Kb / 7P
   TFT LCD
logo
Samsung semiconductor
LTM150XH-L01 SAMSUNG-LTM150XH-L01 Datasheet
381Kb / 35P
   TFT LCD
LTM190M2-L31 SAMSUNG-LTM190M2-L31 Datasheet
640Kb / 39P
   TFT-LCD
LTM200KT01 SAMSUNG-LTM200KT01 Datasheet
1Mb / 34P
   TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com