Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP171WU1 Arkusz danych(PDF) 24 Page - LG Semicon Co.,Ltd.

Numer części LP171WU1
Szczegółowy opis  17.1 WUXGA TFT LCD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LG [LG Semicon Co.,Ltd.]
Strona internetowa  
Logo LG - LG Semicon Co.,Ltd.

LP171WU1 Arkusz danych(HTML) 24 Page - LG Semicon Co.,Ltd.

Back Button LP171WU1 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 27Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Product Specification
24 / 27
LP171WU1
Liquid Crystal Display
Ver. 1.0
Mar, 19, 2007
Since a module is composed of electronic circuits, it is not strong to electrostatic discharge. Make certain that
treatment persons are connected to ground through wrist band etc. And don’t touch interface pin directly.
9-3. ELECTROSTATIC DISCHARGE CONTROL
Strong light exposure causes degradation of polarizer and color filter.
9-4. PRECAUTIONS FOR STRONG LIGHT EXPOSURE
9-5. STORAGE
(1) When the protection film is peeled off, static electricity is generated between the film and polarizer.
This should be peeled off slowly and carefully by people who are electrically grounded and with well
ion-blown equipment or in such a condition, etc.
(2) The protection film is attached to the polarizer with a small amount of glue. If some stress is applied
to rub the protection film against the polarizer during the time you peel off the film, the glue is apt to
remain on the polarizer.
Please carefully peel off the protection film without rubbing it against the polarizer.
(3) When the module with protection film attached is stored for a long time, sometimes there remains a
very small amount of glue still on the polarizer after the protection film is peeled off.
(4) You can remove the glue easily. When the glue remains on the polarizer surface or its vestige is
recognized, please wipe them off with absorbent cotton waste or other soft material like chamois
soaked with normal-hexane.
9-6. HANDLING PRECAUTIONS FOR PROTECTION FILM
When storing modules as spares for a long time, the following precautions are necessary.
(1) Store them in a dark place. Do not expose the module to sunlight or fluorescent light. Keep the
temperature between 5
°C and 35°C at normal humidity.
(2) The polarizer surface should not come in contact with any other object.
It is recommended that they be stored in the container in which they were shipped.


Podobny numer części - LP171WU1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
LP171NMO PULSE-LP171NMO Datasheet
399Kb / 3P
   VHF 136-220 MHz
More results

Podobny opis - LP171WU1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LG Semicon Co.,Ltd.
LC470EUF LG-LC470EUF Datasheet
860Kb / 40P
   47.0 WUXGA TFT LCD
LM240WU8 LG-LM240WU8 Datasheet
1Mb / 32P
   24.0??WUXGA TFT LCD
LC420DUJ LG-LC420DUJ Datasheet
1Mb / 39P
   42.0 WUXGA TFT LCD
logo
Samsung semiconductor
LTM200KT10 SAMSUNG-LTM200KT10 Datasheet
539Kb / 33P
   TFT-LCD
logo
Chi Mei Corporation.
V236H1-LE2 CHIMEI-V236H1-LE2 Datasheet
654Kb / 28P
   TFT LCD
logo
Samsung semiconductor
LTI460HA01 SAMSUNG-LTI460HA01 Datasheet
642Kb / 27P
   TFT-LCD
logo
Wuxi Youda electronics ...
3Y26 YOUDA-3Y26 Datasheet
160Kb / 7P
   TFT LCD
logo
Samsung semiconductor
LTM150XH-L01 SAMSUNG-LTM150XH-L01 Datasheet
381Kb / 35P
   TFT LCD
LTM190M2-L31 SAMSUNG-LTM190M2-L31 Datasheet
640Kb / 39P
   TFT-LCD
LTM200KT01 SAMSUNG-LTM200KT01 Datasheet
1Mb / 34P
   TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com