Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SY8008A Arkusz danych(PDF) 2 Page - Silergy Corp.

Numer części SY8008A
Szczegółowy opis  High Efficiency 1.5MHz, 0.6A/1A/1.2A Synchronous Step Down Regulator Preliminary Spec
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILERGY [Silergy Corp.]
Strona internetowa  http://www.silergy.com/
Logo SILERGY - Silergy Corp.

SY8008A Arkusz danych(HTML) 2 Page - Silergy Corp.

  SY8008A Datasheet HTML 1Page - Silergy Corp. SY8008A Datasheet HTML 2Page - Silergy Corp. SY8008A Datasheet HTML 3Page - Silergy Corp. SY8008A Datasheet HTML 4Page - Silergy Corp. SY8008A Datasheet HTML 5Page - Silergy Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SY8008A/SY8008B/SY8008C
SY8008Rev. # 0.91
Silergy Corp. Confidential- Prepared for Internal Use Only
2
Pinout (top view)
EN
GND
LX
IN
FB
1
2
3
5
4
EN
GND
LX
IN
FB
1
2
3
5
4
(SOT23-5, TSOT23-5)
Top mark: AAxyz for SY8008AAAC, ABxyz for SY8008BAAC, ACxyz for SY8008CAAC,
BIxyz for SY8008AACC, BGxyz for SY8008BACC
(Device code: AA for SY8008AAAC, etc., x=year code, y=week code, z= lot number code)
Pin Name
Pin
Number
Pin Description
EN
1
Enable control. Pull high to turn on. Do not float.
GND
2
Ground pin
LX
3
Inductor pin. Connect this pin to the switching node of inductor
IN
4
Input pin. Decouple this pin to GND pin with at least 1uF ceramic cap
FB
5
Output Feedback Pin. Connect this pin to the center point of the output
resistor divider (as shown in Figure 1) to program the output voltage:
Vout=0.6*(1+R1/R2).Add optional C1(10p-47pF) to speed up transient
response.
Absolute Maximum Ratings (Note 1)
Supply Input Voltage -------------------------------------------------------------------------------- 6.0V
Enable, FB Voltage----------------------------------------------------------------------------------- VIN + 0.6V
Power Dissipation, PD @ TA = 25°C SOT23-5, TSOT23-5 ----------------------------------- 0.4W
Package Thermal Resistance (Note 2)
SOT23-5, TSOT23-5, θ JA ----------------------------------------------------------------- 250°C/W
SOT23-5, TSOT23-5, θ JC ----------------------------------------------------------------- 130°C/W
Junction Temperature Range ------------------------------------------------------------------------ 150°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------ 260°C
Storage Temperature Range ------------------------------------------------------------------------
-65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ------------------------------------------------------------------------ 2kV
MM (Machine Mode) ------------------------------------------------------------------------------- 200V
Recommended Operating Conditions (Note 3)
Supply Input Voltage ------------------------------------------------------------------------------- 2.5V to 5.5V
Junction Temperature Range ----------------------------------------------------------------------
-40°C to 125°C
Ambient Temperature Range ----------------------------------------------------------------------
-40°C to 85°C


Podobny numer części - SY8008A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lumins Inc.
SY800 LUMINIS-SY800 Datasheet
393Kb / 2P
   Cast aluminum ventilated top cover.
logo
Silergy Corp.
SY8003 SILERGY-SY8003 Datasheet
858Kb / 10P
   High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
SY8003A SILERGY-SY8003A Datasheet
858Kb / 10P
   High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
SY8003ADFC SILERGY-SY8003ADFC Datasheet
858Kb / 10P
   High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
SY8003DFC SILERGY-SY8003DFC Datasheet
858Kb / 10P
   High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
More results

Podobny opis - SY8008A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silergy Corp.
SY8088 SILERGY-SY8088 Datasheet
782Kb / 7P
   High Efficiency 1.5MHz, 1A Synchronous Step Down Regulator Preliminary Specification
logo
First Silicon Co., Ltd
FTD6811 FS-FTD6811 Datasheet
1Mb / 16P
   1.5MHz 1.2A Synchronous Step-Down Regulator
logo
Unisonic Technologies
UD05124 UTC-UD05124 Datasheet
245Kb / 9P
   HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER
logo
Fitipower Integrated Te...
FP6382 FITIPOWER-FP6382 Datasheet
981Kb / 13P
   Dual High Efficiency 1MHz/1.5MHz 1A Synchronous Step Down Regulator
logo
Feeling Technology Corp...
FP6161 FEELING-FP6161 Datasheet
436Kb / 16P
   1.5MHz, 1A Synchronous Step-Down Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD6814 TECHCODE-TD6814 Datasheet
896Kb / 17P
   1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6811 TECHCODE-TD6811 Datasheet
938Kb / 17P
   1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
logo
E-CMOS Corporation
EC3211 E-CMOS-EC3211 Datasheet
1Mb / 16P
   1.5MHz, 1.2A, Synchronous Step-Down Regulator Dropout
logo
TECHCODE SEMICONDUCTOR,...
TD6811B TECHCODE-TD6811B Datasheet
938Kb / 17P
   1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
logo
Feeling Technology Corp...
FP6167 FEELING-FP6167 Datasheet
377Kb / 14P
   Dual 1.5MHz, 1A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com