Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DS3 Arkusz danych(PDF) 4 Page - Pentair plc. All rights reserved.

Numer części DS3
Szczegółowy opis  Self-Priming Centrifugal Pump
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PENTAIR [Pentair plc. All rights reserved.]
Strona internetowa  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

DS3 Arkusz danych(HTML) 4 Page - Pentair plc. All rights reserved.

  DS3 Datasheet HTML 1Page - Pentair plc. All rights reserved. DS3 Datasheet HTML 2Page - Pentair plc. All rights reserved. DS3 Datasheet HTML 3Page - Pentair plc. All rights reserved. DS3 Datasheet HTML 4Page - Pentair plc. All rights reserved. DS3 Datasheet HTML 5Page - Pentair plc. All rights reserved. DS3 Datasheet HTML 6Page - Pentair plc. All rights reserved. DS3 Datasheet HTML 7Page - Pentair plc. All rights reserved. DS3 Datasheet HTML 8Page - Pentair plc. All rights reserved. DS3 Datasheet HTML 9Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Installation
4
BEFORE YOU INSTALL YOUR PUMP
NOTICE: Well must not be more than 20’ depth to water.
1. Long runs and many fittings increase friction and reduce flow. Locate
pump as close to well as possible: use as few elbows and fittings as
possible.
2. Be sure well is clear of sand. Sand will plug the pump and void the
warranty.
3. Protect pump and all piping from freezing. Freezing will split pipe,
damage pump and void the warranty. Check locally for frost protection
requirements (usually pipe must be 12” below frost line and pump must
be insulated).
4. Be sure all pipes and foot valve are clean and in good shape.
5. No air pockets in suction pipe.
6. No leaks in suction pipe. Use PTFE pipe thread sealant tape to seal pipe
joints.
7. Unions installed near pump and well will aid in servicing. Leave room
use wrenches.
8.
Pump body may explode if used as a booster pump.
DO NOT use in a booster application.
WELL PIPE INSTALLATION
NOTICE: Use the installation method below which matches your well type.
CASED WELL INSTALLATION
1. Inspect foot valve to be sure it works freely. Inspect strainer to be sure it
is clean.
2. Connect foot valve and strainer to the first length of suction pipe and
lower pipe into well. Add sections of pipe as needed, using PTFE pipe
thread sealant tape on male threads. Be sure that all suction pipe is
leakproof or pump will lose prime and fail to pump. Install foot valve
10 to 20 feet below the lowest level to which water will drop while
pump is operating (pumping water level). Your well driller can furnish
this information.
3. To prevent sand and sediment from entering the pumping system, the
foot valve/strainer should be at least 5 feet above the bottom of the
well.
4. When the proper depth is reached, install a sanitary well seal over the
pipe and in the well casing. Tighten the bolts to seal the casing.
5. When using a foot valve, a priming tee and plug as shown in Figure 1
are recommended.
DUG WELL INSTALLATION
Same as cased well installation.
DRIVEN POINT INSTALLATION
1. Connect the suction pipe to the drive point as illustrated in Figure 2.
Keep horizontal pipe run as short as possible. Use PTFE pip thread
sealant tape on male pipe threads. Multiple well points may be
necessary to provide sufficient water to pump.
2. Install a check valve in horizontal pipe. Flow arrow on check valve
must point toward pump.
Suction
pipe
Foot
Valve
Priming plug
Priming tee
Drawdown water
level (pump on)
10-20' (3-6 m)
20' (6 m)
max.
At least 5 feet
(1.5 m)
828 1011
Standing water
level (pump off)
Check valve
Steel drive pipe
Drive coupling
Driven point
745 0993
Figure 1: Cased/Dug Well Installation
Figure 2: Driven Point Installation


Podobny numer części - DS3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RSG Electronic Componen...
DS3-XX05 RSG-DS3-XX05 Datasheet
59Kb / 1P
   Single output unregulated DC/DC converters 1W
DS3-XX05-2 RSG-DS3-XX05-2 Datasheet
61Kb / 1P
   Single output unregulated DC/DC converters 2W
DS3-XX05-L RSG-DS3-XX05-L Datasheet
59Kb / 1P
   Single output regulated DC/DC converters 0.5W
DS3-XX05D RSG-DS3-XX05D Datasheet
63Kb / 1P
   Dual output unregulated DC/DC converters 2W
DS3-XX05D RSG-DS3-XX05D Datasheet
60Kb / 1P
   Dual output unregulated DC/DC converters 1W
More results

Podobny opis - DS3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ORION FANS
OAB400-22-1 ORIONFANS-OAB400-22-1 Datasheet
113Kb / 1P
   Centrifugal Fan
logo
ebm-papst
G2E108-AA05-44 EBMPAPST-G2E108-AA05-44 Datasheet
204Kb / 1P
   CENTRIFUGAL BLOWER
G4E180-AB09-15 EBMPAPST-G4E180-AB09-15 Datasheet
221Kb / 1P
   CENTRIFUGAL BLOWER
RD20S-4204174A EBMPAPST-RD20S-4204174A Datasheet
326Kb / 1P
   CENTRIFUGAL BLOWER
RG20P-4106478 EBMPAPST-RG20P-4106478 Datasheet
273Kb / 1P
   CENTRIFUGAL BLOWER
G2E140 EBMPAPST-G2E140 Datasheet
231Kb / 1P
   Centrifugal Blower
G2S097 EBMPAPST-G2S097 Datasheet
219Kb / 1P
   Centrifugal Blower
D2E140-HR97-05 EBMPAPST-D2E140-HR97-05 Datasheet
392Kb / 1P
   CENTRIFUGAL BLOWER
D2E146-HT65-14 EBMPAPST-D2E146-HT65-14 Datasheet
583Kb / 2P
   CENTRIFUGAL BLOWER
D4E146-AA25-34 EBMPAPST-D4E146-AA25-34 Datasheet
219Kb / 1P
   CENTRIFUGAL BLOWER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com