Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PM25LD512 Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części PM25LD512
Szczegółowy opis  512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

PM25LD512 Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PM25LD512 Datasheet HTML 2Page - List of Unclassifed Manufacturers PM25LD512 Datasheet HTML 3Page - List of Unclassifed Manufacturers PM25LD512 Datasheet HTML 4Page - List of Unclassifed Manufacturers PM25LD512 Datasheet HTML 5Page - List of Unclassifed Manufacturers PM25LD512 Datasheet HTML 6Page - List of Unclassifed Manufacturers PM25LD512 Datasheet HTML 7Page - List of Unclassifed Manufacturers PM25LD512 Datasheet HTML 8Page - List of Unclassifed Manufacturers PM25LD512 Datasheet HTML 9Page - List of Unclassifed Manufacturers PM25LD512 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Pm25LD512/010/ 020
Confidential information
Chingis Technology Corp.
6
DRAFT Date: August, 2010, Rev:0.4
SYSTEM CONFIGURATION
The Pm25LD512/010/020 devices are designed to interface directly with the synchronous Serial Peripheral
Interface (SPI) of the Motorola MC68HCxx series of microcontrollers or any SPI interface-equipped system
controllers. The devices have two superset features that can be enabled through specific software instructions
and the Configuration Register:
Block No.
Block Size
(Kbytes)
Sector No.
Sector Size
(Kbytes)
Address Range
Sector 0
(1)
4
000000h - 000FFFh
Sector 1
4
001000h - 001FFFh
:
:
:
Sector 7
4
007000h - 007FFFh
Sector 8
4
008000h - 008FFFh
Sector 9
4
009000h - 009FFFh
:
:
000000h - 006FFFh
Sector 15
4
00F000h - 00FFFFh
Block 2
32
"
"
010000h - 017FFFh
Block 3
32
"
"
018000h - 01FFFFh
Memory Density
1 Mbit
512 Kbit
32
32
Block 0
Block 1
Table 1-1. Block/Sector Addresses of Pm25LD512/010/020
Memory Density
Block No.
Block
Size
(KBytes)
Sector No.
Sector
Size
(KBytes)
Address Range
Sector 0
4
000000h - 000FFFh
Sector 1
4
001000h - 001FFFh
:
:
:
Block 0
64
Sector 15
4
00F000h - 00FFFFh
Sector 16
4
010000h - 010FFFh
Sector 17
4
011000h - 011FFFh
:
:
:
Block 1
64
Sector 31
4
01F000h - 01FFFFh
:
:
:
:
:
2 Mbit
Block 3
64
:
4
030000h – 03FFFFh


Podobny numer części - PM25LD512

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
PM25LD512 ETC2-PM25LD512 Datasheet
648Kb / 33P
   512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus
More results

Podobny opis - PM25LD512

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
PM25LD010 ETC2-PM25LD010 Datasheet
648Kb / 33P
   512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus
IS25LD020-JNLE ETC2-IS25LD020-JNLE Datasheet
912Kb / 40P
   512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus Interface
IS25CD010 ETC2-IS25CD010 Datasheet
912Kb / 40P
   512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory
PM25LQ020 ETC-PM25LQ020 Datasheet
1Mb / 55P
   2 Mbit / 4 Mbit Single Operating Voltage Serial Flash Memory With 104 MHz Dual- or 100MHz Quad-Output SPI Bus Interface
2012, Rev: 05
logo
Integrated Silicon Solu...
IS25WD020 ISSI-IS25WD020 Datasheet
764Kb / 35P
   2 Mbit / 4 Mbit Single Operating Voltage Serial Flash Memory
logo
Numonyx B.V
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
   1 Mbit, serial Flash memory, 50 MHz SPI bus interface
logo
List of Unclassifed Man...
PM25LV020 ETC1-PM25LV020 Datasheet
628Kb / 36P
   512 Kbit /1 Mbit / 2 Mbit / 4 Mbit 3.0 Volt-onl Serial Flash Memory With 100 MHz SPI Bus Interface
logo
STMicroelectronics
M25P10-A STMICROELECTRONICS-M25P10-A Datasheet
589Kb / 41P
   1 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
M25P10 STMICROELECTRONICS-M25P10 Datasheet
162Kb / 21P
   1 Mbit Low Voltage Paged Flash Memory With 20 MHz Serial SPI Bus Interface
M25P10-A STMICROELECTRONICS-M25P10-A_06 Datasheet
392Kb / 49P
   1 Mbit, low voltage, Serial Flash memory with 50MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com