Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM195WD1 Arkusz danych(PDF) 24 Page - LG Semicon Co.,Ltd.

Numer części LM195WD1
Szczegółowy opis  19.5 HD TFT LCD
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LG [LG Semicon Co.,Ltd.]
Strona internetowa  
Logo LG - LG Semicon Co.,Ltd.

LM195WD1 Arkusz danych(HTML) 24 Page - LG Semicon Co.,Ltd.

Back Button LM195WD1 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 27Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 28Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Product Specification
LM195WD1
Liquid Crystal Display
Ver. 0.2
Feb. 04, 2013
24 / 31
5. Mechanical characteristics
The contents provide general mechanical characteristics. In addition the figures in the next
page are detailed mechanical drawing of the LCD.
Notes : Please refer to a mechanic drawing in terms of tolerance at the next page.
Outline dimension
Horizontal
452.0 mm
Vertical
263.0 mm
Depth
10.5 mm
Bezel area
Horizontal
437.2 mm
Vertical
239.6 mm
Active display area
Horizontal
433.92 mm
Vertical
236.34 mm
Weight
1,400g (Typ.), 1,470g (Max)
Surface treatment
Hard coating(3H)
Anti-glare treatment of the front polarizer
Table 12. Mechanical characteristics


Podobny numer części - LM195WD1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM195 NSC-LM195 Datasheet
421Kb / 13P
   Ultra Reliable Power Transistors
LM195 NSC-LM195 Datasheet
230Kb / 11P
   Ultra Reliable Power Transistors
logo
Texas Instruments
LM195 TI1-LM195 Datasheet
1Mb / 20P
[Old version datasheet]   Ultra Reliable Power Transistors
logo
National Semiconductor ...
LM1950 NSC-LM1950 Datasheet
168Kb / 6P
   750 mA High Side Switch
logo
Shenzhen TOPWAY Technol...
LM19501 TOPWAY-LM19501 Datasheet
688Kb / 11P
   LCD Module User Manual
More results

Podobny opis - LM195WD1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LG Semicon Co.,Ltd.
LP156WH3-TLA2 LG-LP156WH3-TLA2 Datasheet
945Kb / 26P
   15.6 HD TFT LCD
LM185WH2 LG-LM185WH2 Datasheet
570Kb / 31P
   18.5inch HD TFT LCD
LP140WH4 LG-LP140WH4 Datasheet
1Mb / 32P
   14.0 HD TFT LCD
LP173WD1 LG-LP173WD1 Datasheet
1Mb / 30P
   17.3??HD TFT LCD
LM200WD3 LG-LM200WD3 Datasheet
754Kb / 32P
   20.0 HD TFT LCD
LP140WH2 LG-LP140WH2 Datasheet
676Kb / 23P
   14.0??HD TFT LCD
LP140WF1 LG-LP140WF1 Datasheet
1Mb / 31P
   14.0??Full HD TFT LCD
LP156WF4-SLB5 LG-LP156WF4-SLB5 Datasheet
607Kb / 30P
   15.6??Full HD TFT LCD
LP140WH1 LG-LP140WH1 Datasheet
855Kb / 34P
   14.0?쓂 HD TFT LCD
LP140WD2 LG-LP140WD2 Datasheet
917Kb / 28P
   14.0?쓂 HD TFT LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com