Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1854B Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części UC1854B
Szczegółowy opis  ADVANCED HIGH-POWER FACTOR PREREGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UC1854B Arkusz danych(HTML) 4 Page - Texas Instruments

  UC1854B Datasheet HTML 1Page - Texas Instruments UC1854B Datasheet HTML 2Page - Texas Instruments UC1854B Datasheet HTML 3Page - Texas Instruments UC1854B Datasheet HTML 4Page - Texas Instruments UC1854B Datasheet HTML 5Page - Texas Instruments UC1854B Datasheet HTML 6Page - Texas Instruments UC1854B Datasheet HTML 7Page - Texas Instruments UC1854B Datasheet HTML 8Page - Texas Instruments UC1854B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
UC1854B
UC2854A, UC2854B
UC3854A, UC3854B
SLUS329B − JUNE 1998 − REVISED FEBRUARY 2005
4
www.ti.com
ELECTRICAL CHARACTERISTICS
VCC = 18 V, RT = 8.2 kΩ, CT = 1.5 nF, VPKLMT = 1 V, VVRMS = 1.5 V, IIAC = 100 µA, IISENSE = 0 V, VCAO = 3.5 V, VVAO = 5 V, VVSENSE = 3 V,
−40
°C < TA < 85°C for the UC2854A and UC2854B, and 0°C < TA <70°C for the UC3854A and UC3854B, and TA = TJ (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVERALL
Supply current, off
CAO = 0 V,
VAO = 0 V,
VCC = VUVLO−0.3 V
250
400
µA
Supply current, on
12
18
mA
VCC turn-on threshold voltage
UCx854A
15.0
16.0
17.5
VCC turn-on threshold voltage
UCx854B
8.0
10.5
11.2
V
VCC turn-off threshold voltage
9
10
12
V
VCC clamp
IVCC = IVCC(on) + 5 mA
18
20
22
VOLTAGE AMPLIFIER
Input voltage
2.9
3.0
3.1
V
VSENSE bias current
−500
−25
500
nA
Open loop gain
2 V
≤ VOUT ≤ 5 V
70
100
dB
VOH
High-level output voltage
ILOAD = −500 µA
6
V
VOL
Low-level output voltage
ILOAD = 500 µA
0.3
0.5
V
ISC
Output short-circuit current
VOUT = 0 V
1.5
3.5
mA
Gain bandwidth product(1)
fIN = 100 kHz,
10 mVP−P
1
MHz
CURRENT AMPLIFIER
Input offset voltage
VCM = 0 V,
TA = 25°C
−4
0
mV
Input offset voltage
VCM = 0 V,
overtemperature
−5.5
0
mV
Input bias current, ISENSE
VCM = 0 V
−500
500
nA
Open loop gain
2 V
≤ VOUT ≤ 6 V
80
110
dB
VOH
High-level output voltage
ILOAD = −500 µA
8
V
VOL
Low-level output voltage
ILOAD = 500 µA
0.3
0.5
V
ISC
Output short-circuit current
VOUT = 0 V
1.5
3.5
mA
CMRR
Common mode rejection range
−0.3
5.0
V
Gain bandwidth product(1)
fIN = 100 kHz,
10 mVP−P
3
5
MHz
REFERENCE
Output voltage
IREF = 0 mA,
TA = 25°C
7.4
7.5
7.6
V
Output voltage
IREF = 0 mA
7.35
7.50
7.65
V
Load regulation
1 mA
≤ IREF ≤ 10 mA
0
8
20
mV
Line regulation
12 V
≤ VCC ≤ 18 V
0
14
25
mV
ISC
Short circuit current
VREF = 0 V
25
35
60
mA
(1) Ensured by design. Not production tested.
(2) Gain constant. (K) +
I
IAC
V
VAO *
1.5 V
V
VRMS
2
I
MOUT


Podobny numer części - UC1854B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1854B TI-UC1854B Datasheet
188Kb / 7P
[Old version datasheet]   Enhanced High Power Factor Preregulator
UC1854BJ TI1-UC1854BJ Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854BJ TI1-UC1854BJ Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854BJ883B TI1-UC1854BJ883B Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854BJ883B TI1-UC1854BJ883B Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
More results

Podobny opis - UC1854B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC2854B-EP TI1-UC2854B-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   Advanced High-Power Factor Preregulator
UC1854A TI1-UC1854A_15 Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_13 Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
263Kb / 13P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI-UC2854B-EP_15 Datasheet
893Kb / 36P
[Old version datasheet]   UC2854B-EP Advanced High-Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com