Zakładka z wyszukiwarką danych komponentów |
|
CD4051BQPWRQ1 Arkusz danych(PDF) 11 Page - Texas Instruments |
|
|
CD4051BQPWRQ1 Arkusz danych(HTML) 11 Page - Texas Instruments |
11 / 18 page CD4051BQ1, CD4052BQ1, CD4053BQ1 CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS WITH LOGIC-LEVEL CONVERSION SCHS354 − AUGUST 2004 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION NOTE: The A, B, C, and INH input logic levels are L = VSS and H = VDD. The analog signal (through the TG) may swing from VEE to VDD. 7 8 (B) (C) (D) (A) 16 16 16 16 7 8 7 8 7 8 5 V 5 V VSS = 0 V VSS = 0 V VSS = 0 V VSS = 0 V VEE = –5 V VEE = –10 V VEE = –7.5 V VEE = 0 V VDD = 15 V VDD = 7.5 V VDD = 5 V VDD = 5 V 7.5 V Figure 9. Typical Bias-Voltage Test Circuits Figure 10. Channel Turned ON Waveforms (RL = 1 kΩ) tf = 20 ns 10% 10% 90% 50% 10% 50% 90% 10% 50% 90% tr = 20 ns Turn-Off Time Turn-On Time Figure 11. Channel Turned OFF Waveforms (RL = 1 kΩ) tf = 20 ns 10% 90% 50% 10% 50% 90% 10% 90% tr = 20 ns Turn-Off Time Turn-On Time tPHZ |
Podobny numer części - CD4051BQPWRQ1 |
|
Podobny opis - CD4051BQPWRQ1 |