Zakładka z wyszukiwarką danych komponentów |
|
DAM9N30S Arkusz danych(PDF) 2 Page - DACO SEMICONDUCTOR CO.,LTD. |
|
DAM9N30S Arkusz danych(HTML) 2 Page - DACO SEMICONDUCTOR CO.,LTD. |
2 / 4 page Electrical Characteristics @ TJ =25°C (unless otherwise specified) Parameter Symbol Conditions Min. Typ. Max. Unit OFF Characteristics Drain-Source Breakdown Voltage BVDSS VGS=0V IDS=250uA 30 - - V Zero Gate Voltage Drain Current IDSS VGS=0V VDS=30V - - 1 uA Gate-Body Leakage IGSS VGS=±20V VDS=0V - - ±100 nA ON Characteristics Gate Threshold Voltage VTH VDS=VGS IDS=250uA 1.2 1.6 2 V Static Drain-Source On-Resistance RDS(on) VGS=10V IDS=8A - 16 18 mΩ Dynamic Characteristics Input Capacitance Ciss VDS=25V VGS=0V Freq.=1MHz - 345 500 pF Output Capacitance Coss - 55 80 Reverse Transfer Capacitance Crss - 32 45 Switching Characteristics Turn-On Delay Time Td(on) VDD=15V VGS=10V RG = 6Ω IDS=1A - 2.8 5 ns Rise Time Tr - 7.2 14 Turn-Off Delay Time Td(off) - 15.8 30 Fall Time Tf - 4.6 9 Total Gate Charge Qg VDS=15V VGS=4.5V IDS=8A - 4.1 6 nC Gate to Source Charge Qgs - 1 1.4 Gate to Drain Charge Qgd - 2.1 4 Drain-Source Diode Characteristics Diode Forward Voltage VSD VGS=0V IS=1A - - 1 V Notes: 1. Pulse Test: Pulse Width 300 s, Duty Cycle 2%. 2. VDD=25V,VGS=10V,L=1mH,IAS=8A.,RG= 25Ω, Starting TJ=25°C 3. R JA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. R R JC is guaranteed by design while R CA is determined by the user's board design. R JA shown below for single device operation on FR-4 in still air. Aug.2018 DAM9N30S |
Podobny numer części - DAM9N30S |
|
Podobny opis - DAM9N30S |