Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACE-716T Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części ACE-716T
Szczegółowy opis  RUGGED AC/DC INPUT 150W POWER SUPPLY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

ACE-716T Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  ACE-716T Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ACE-716
Rugged AC/DC Input 150W Power Supply
Input Table :
Output Table (at 50
oC) :
Inrush Current (ACE-716A/716AP) : Not exceed 15A@115V AC
or 30A@230V AC
Ripple and Noise : Less than 100mV
Line Regulation : The line regulation for each outputs are less
than –1%, while measuring at rated loading and –10% of input
voltage changing
Load Regulation :
— ACE-716A/716AP : Less than –3%@–5V and -12V, –6%@+12V
— ACE-716T/C : Less than –1%@–5V and -12V, –4%@+12V
Efficiency :
— ACE-716A/716AP : Higher than 75%
— ACE-716T/C : Higher than 70%
Hold-up Time (ACE-716A/716AP) : 20ms (typical)@115V AC
Altitude : 0 ~ 10,000ft
Protection : Over voltage protection. The trip point is around
5.9V ~ 7.0V output
Thermal Protection : Built in 110–5
oC thermal switch in HS1
Vibration : 10 ~ 55Hz at 2G 3min. period, 30 min. along X, Y
and Z axis
Impact : 10G for 20ms once on each X, Y and Z axis
ACE-716AP
Rugged AC input 150W PFC power supply
ACE-716A
Rugged AC input 150W power supply
ACE-716T
Rugged 48V DC input 150W power supply
ACE-716C
Rugged 24V DC input 150W power supply
Hi-pot isolation :
— 4300V DC, input to output for one minute
— 2200V DC, input to ground for one minute
MTBF :
— ACE-716A : 188,800 hours
— ACE-716T : 212,050 hours
— ACE-716C : 187,490 hours
Safety : Meets UL 478, 1012, 1950;
CSA 22.2 No. 234, VDE EN 60950
EMI :
— Meets FCC docket 20780 curve "A",
EN50081-2 : CISPR22 "A"
— Harmonic EN 61000-3-2 for ACE-716AP
EMS Standard (Designed to meet the
following limits) :
— EN 50082-2
— IEC 801-1 8KV (Air Discharge) criteria
B (ACE-716A/716AP)
— IEC 801-3, 10V/M criteria A
— IEC 801-4, 2KV criteria B
(ACE-716A/716AP)
— IEC 801-5, 2KV criteria B
(ACE-716A/716AP)
Built-in cooling fan
Operating Temperature : -20
o ~ 70oC
(Derating curve will occur 50o ~ 70oC)
Storage Temperature : -20
o ~ 85oC
Dimensions : 97(W) x 40.5(H) x 198(D)mm;
(3.8" x 1.6" x 7.8")
¤
T V Rheinland
BAUART
GEPR FT
Model
Input Range
Input Current
ACE-716A/716AP
ACE-716T
ACE-716C
85~135V AC or
180~265V AC, 47~440Hz
-36 ~ -72V DC
+19 ~ +30V DC
4A@115V AC or
2A@230V AC
6A@-48V DC
12A@+24V DC
ACE-716A/716AP
ACE-716T
ACE-716C
+5V
18A
18A
18A
+12V
4A
4A
4A
-5V
0.5A
0.5A
0.5A
-12V
1A
1A
1A
Model
Rated Load
Max. Output
+5V
25A
25A
25A
+12V
10A
10A
10A
-5V
1A
1A
1A
-12V
1A
1.5A
1.5A
PFC
ORDERING INFORMATION
SPECIFICATIONS
DIMENSIONS
8-13
www.locamation.com
Auke Vleerstraat 26 7521 PG Enschede The Netherlands Phone +31 (0)53 480 33 66 Fax +31 (0)53 435 32 91 Email sales@locamation.nl


Podobny numer części - ACE-716T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Applied Concepts Inc.
ACE-12-1275 ACIPOWER-ACE-12-1275 Datasheet
93Kb / 1P
   CCFL INVERTER
ACE-12-1816 ACIPOWER-ACE-12-1816 Datasheet
203Kb / 3P
   CCFL INVERTER
logo
IEI Integration Corp.
ACE-4840APM IEI-ACE-4840APM Datasheet
468Kb / 1P
   400 W PS/2 Medical T ACE-4840APM ype ATX Power Supply
ACE-4840APM-RS IEI-ACE-4840APM-RS Datasheet
468Kb / 1P
   400 W PS/2 Medical T ACE-4840APM ype ATX Power Supply
ACE-A140A IEI-ACE-A140A Datasheet
886Kb / 2P
   400 W P ACE-A140A S/2 ATX Power Supply with ErP
More results

Podobny opis - ACE-716T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toppower Electronic Tec...
TPCLR-150-XS TOPPOWER-TPCLR-150-XS Datasheet
815Kb / 4P
   150W Wide input AC/DC switching power supply
TPC-150-XS TOPPOWER-TPC-150-XS Datasheet
524Kb / 4P
   150W Wide input AC/DC switching power supply
TPCPWF-150-XS TOPPOWER-TPCPWF-150-XS Datasheet
793Kb / 4P
   150W Wide input AC/DC switching power supply
logo
TDK Electronics
CME100A-24 TDK-CME100A-24 Datasheet
232Kb / 2P
   AC input power supply (AC-DC converter)
October 04, 2022
CME60A-24 TDK-CME60A-24 Datasheet
239Kb / 2P
   AC input power supply (AC-DC converter)
November 01, 2022
CUT75J-522 TDK-CUT75J-522 Datasheet
252Kb / 2P
   AC input power supply (AC-DC converter)
November 01, 2022
CME30A-24 TDK-CME30A-24 Datasheet
241Kb / 2P
   AC input power supply (AC-DC converter)
October 04, 2022
logo
Tumbler Technologies + ...
TWA150 TRUMPOWER-TWA150 Datasheet
120Kb / 1P
   150W AC/DC Power Adapters
logo
GAPTEC Electronic GmbH ...
150ACDRS_S GAPTEC-150ACDRS_S Datasheet
1Mb / 3P
   150W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
Rev. 2021-1.0
logo
Tumbler Technologies + ...
TW150 TRUMPOWER-TW150 Datasheet
267Kb / 3P
   150W Multiple Outputs AC/DC Power Supplies
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com