Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS18LV20483DCR70 Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części CS18LV20483DCR70
Szczegółowy opis  High Speec Super Low Power SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV20483DCR70 Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  CS18LV20483DCR70 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS18LV20483DCR70 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS18LV20483DCR70 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS18LV20483DCR70 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS18LV20483DCR70 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS18LV20483DCR70 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV20483DCR70 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV20483DCR70 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV20483DCR70 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
High Speed Super Low Power SRAM
256K-Word By 8 Bit
CS18LV20483
4
Rev. 1.0
Chiplus reserves the right to change product or specification without notice.
PIN DESCRIPTIONS
Name
Type
Function
A0 – A17
Input
Address inputs for selecting one of the 262,144 x 8 bit words in the RAM
/CE1, CE2
Input
/CE1 is active LOW and CE2 is active HIGH. Both chip enables must be
active when data read from or write to the device. If either chip enable is
not active, the device is deselected and in a standby power down mode.
The DQ pins will be in high impedance state when the device is
deselected.
/WE
Input
The Write enable input is active LOW. It controls read and write
operations. With the chip selected, when /WE is HIGH and /OE is LOW,
output data will be present on the DQ pins, when /WE is LOW, the data
present on the DQ pins will be written into the selected memory location.
/OE
Input
The output enable input is active LOW. If the output enable is active
while the chip is selected and the write enable is inactive, data will be
present on the DQ pins and they will be enabled. The DQ pins will be in
the high impedance state when /OE is inactive.
DQ0~DQ7
I/O
These 8 bi-directional ports are used to read data from or write data into
the RAM.
Vcc
Power
Power Supply
Gnd
Power
Ground
NC
No connection
TRUTH TABLE
MODE
/CE1
CE2
/WE
/OE
DQ0~7
Vcc Current
H
X
X
X
Standby
X
L
X
L
High Z
ICCSB, ICCSB1
Output
Disabled
L
H
H
H
High Z
ICC
Read
L
H
H
L
DOUT
ICC
Write
L
H
L
X
DIN
ICC


Podobny numer części - CS18LV20483DCR70

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CS18LV02565 ETC1-CS18LV02565 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AAC-55 ETC1-CS18LV02565AAC-55 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AAC-70 ETC1-CS18LV02565AAC-70 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AACR55 ETC1-CS18LV02565AACR55 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AACR70 ETC1-CS18LV02565AACR70 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
More results

Podobny opis - CS18LV20483DCR70

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CS18LV10245 ETC1-CS18LV10245 Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
WS6264 ETC1-WS6264 Datasheet
315Kb / 13P
   High Speed Super Low Power SRAM
CS18LV02565 ETC1-CS18LV02565 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
logo
Hynix Semiconductor
HY62UF08401C HYNIX-HY62UF08401C Datasheet
152Kb / 10P
   High Speed, Super Low Power and 4Mbit Full CMOS SRAM
logo
Alliance Semiconductor ...
AS6C8016-55BIN ALSC-AS6C8016-55BIN Datasheet
738Kb / 12P
   512K X 16 BIT SUPER LOW POWER CMOS SRAM
AS6C1008L ALSC-AS6C1008L Datasheet
1Mb / 15P
   128k x 8 BIT SUPER LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
AS6C4016 ETC2-AS6C4016 Datasheet
631Kb / 12P
   256K X 16 BIT SUPER LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C8016-55ZIN ALSC-AS6C8016-55ZIN Datasheet
738Kb / 12P
   512K X 16 BIT SUPER LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
EDI8808CB ETC-EDI8808CB Datasheet
35Kb / 1P
   HIGH SPEED, LOW POWER 64K MONOLITHIC SRAM
logo
Brilliance Semiconducto...
BH616UV1610 BSI-BH616UV1610 Datasheet
130Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com