Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

INTF3000 Arkusz danych(PDF) 4 Page - Maxim Integrated Products

Numer części INTF3000
Szczegółowy opis  EV Kits Requiring SPI/ Parallel to USB Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

INTF3000 Arkusz danych(HTML) 4 Page - Maxim Integrated Products

  INTF3000 Datasheet HTML 1Page - Maxim Integrated Products INTF3000 Datasheet HTML 2Page - Maxim Integrated Products INTF3000 Datasheet HTML 3Page - Maxim Integrated Products INTF3000 Datasheet HTML 4Page - Maxim Integrated Products INTF3000 Datasheet HTML 5Page - Maxim Integrated Products INTF3000 Datasheet HTML 6Page - Maxim Integrated Products INTF3000 Datasheet HTML 7Page - Maxim Integrated Products INTF3000 Datasheet HTML 8Page - Maxim Integrated Products INTF3000 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: EV Kits Requiring SPI/Parallel
to USB Interface
INTF3000 Interface Board
The outputs can be a serial clock, serial data, serial chip
select, or just a control pin to turn on/off functions on the
DUT. Serial signals are not limited to a specific pin; the
software, not the hardware, defines the function of each
output pin.
Jumpers
JU1
JU1 configures the pullup resistors for the output driv-
ers (U2 and U3). Each output RA0–RA5 and RB0–RB7
has an open-drain driver. These drivers are used to level
translate the 5V logic of the USB controller to the lower
voltage logic levels of the DUT EV board.
If JU1 is in the VBUS position, the inputs and outputs of
the drivers are compatible with 5V logic only.
If JU1 is in the VDEV position, the drivers get their bias
from the logic supply voltage of the DUT EV board through
Pin 1 of INTF2400 or Pin 12 of INTF2300 connector. It
should be noted that the DUT EV board must have the
logic supply voltage routed to these pins.
If JU1 is removed, an external VCC can be connected to
the test point (VPULL). This configuration must be used
for low VCC boards that do not have their VCC routed to
VDEV. Some legacy EV boards that have the DB25 connector
must use this configuration since the DB25 connector
does not have a VDEV pin.
JU6, JU7
JU6 and JU7 set the address of the INTF3000 board.
There are four possible addresses so that up to four
different INTF3000 boards may be used on one PC.
Table 7 shows these four addresses and the associated
jumper positions. The software used must be set to the
same address as the jumper configuration.
LED
LED D1 serves two purposes:
1) D1 will blink once when the INTF3000 is first connected.
This shows that the processor has powered-up properly.
2) D1 will toggle on and off for every command received
from the PC. This shows activity.
Table 6. Output Pins for LPT Connector
Table 7. INTF3000 Possible Addresses
* This is the default address for most EV boards.
LPT PIN
U1 OUTPUT PORT PIN
1
2
3
4
5
6
7
8
9
14
16
17
RB0L
RB1L
RB2L
RB3L
RB4L
RB5L
RB6L
RB7L
RA0L
RA1L
RA2L
RA3L
ADDRESS
JU6
JU7
9123*
Removed
Removed
9124
Removed
Installed
9125
Installed
Removed
9126
Installed
Installed


Podobny numer części - INTF3000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LinkCom Manufacturing C...
INT LINKCOM-INT Datasheet
848Kb / 6P
   50W Programmable Tunable White LED Driver
logo
Vishay Siliconix
INT VISHAY-INT Datasheet
140Kb / 6P
   Custom Substrates - Metal Via / Multilayer / Lumped Element
01-Jan-2022
logo
List of Unclassifed Man...
INT-1462 ETC2-INT-1462 Datasheet
52Kb / 3P
   Conexant Fusion??878A (CX25878A), PC99 Compliant
logo
Shanghai Yint Electroni...
INT.P0080TA YINT-INT.P0080TA Datasheet
574Kb / 4P
   Thyristor Surge Suppressors
INT.P0220TA YINT-INT.P0220TA Datasheet
574Kb / 4P
   Thyristor Surge Suppressors
More results

Podobny opis - INTF3000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
DLP-USB1 ETC1-DLP-USB1 Datasheet
63Kb / 6P
   USB to FIFO Parallel Interface Module
logo
Maxim Integrated Produc...
SC-USB-SPI-PICO MAXIM-SC-USB-SPI-PICO Datasheet
489Kb / 2P
   USB-to-SPI Interface Adapter for SC1905 and SC1894
Rev 0; 12/18
logo
TRINAMIC Motion Control...
USB-2-X TRINAMIC-USB-2-X Datasheet
317Kb / 1P
   USB to CAN,IIC,RS485,SPI,LIN Interface Converter
logo
Maxim Integrated Produc...
MAX3420E MAXIM-MAX3420E_07 Datasheet
366Kb / 25P
   USB Peripheral Controller with SPI Interface
Rev 2; 6/07
MAX3420E MAXIM-MAX3420E Datasheet
509Kb / 23P
   USB Peripheral Controller with SPI Interface
Rev 0; 8/05
MAX3420E MAXIM-MAX3420E_15 Datasheet
1Mb / 22P
   USB Peripheral Controller with SPI Interface
Rev 5; 11/15
logo
Holtek Semiconductor In...
HT45B0K HOLTEK-HT45B0K_12 Datasheet
3Mb / 24P
   SPI to USB Bridge
HT45B0K HOLTEK-HT45B0K Datasheet
245Kb / 23P
   SPI to USB Bridge
logo
List of Unclassifed Man...
PL-2305 ETC1-PL-2305 Datasheet
45Kb / 1P
   USB TO IEEE1284 BRIDGE CONTROLLER Bi-Direction Parallel Interface
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com