Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


MAX2121B Datasheet(Arkusz danych) 7 Page - Maxim Integrated Products

Numer części MAX2121B
Szczegółowy opis  L-Band Tuner with Programmable Baseband Filter
Pobierz  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  http://www.maxim-ic.com
Logo 

 7 page
background image
(MAX2121 Evaluation Kit: VCC = +3.3V, TA = +25°C, baseband output frequency = 5MHz, VGC1 = +1.2V, default register settings except
BBG[3:0] = 1011, LPF[7:0] = 97h, unless otherwise noted.)
LO LEAKAGE vs. LO FREQUENCY
LO FREQUENCY (MHz)
925
1175
1425
1675
1925
2175
-90
-85
-80
-75
-70
MEASURED AT RF INPUT
PHASE NOISE AT 10kHz OFFSET vs.
CHANNEL FREQUENCY
CHANNEL FREQUENCY (MHz)
925 1115 1305 1495 1685 1875 2065 2255
-105
-100
-95
-90
PHASE NOISE vs. OFFSET FREQUENCY
OFFSET FREQUENCY (Hz)
1.0E+05
1.0E+04
-120
-110
-100
-90
-130
1.0E+03
1.0E+06
fLO = 1800MHz
VCO: KV vs. VTUNE
VTUNE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100
150
200
250
300
350
400
450
SUB-BAND 23
SUB-BAND 12
SUB-BAND 0
IIP2 vs. INPUT POWER
INPUT POWER (dBm)
-5
-15
-35 -25
-55 -45
-65
-5
0
5
10
15
20
25
30
35
40
-10
-75
SEE NOTE 6 ON PAGE 4
FOR CONDITIONS
INPUT RETURN LOSS vs. FREQUENCY
FREQUENCY (MHz)
2025
1800
1350 1575
1125
-20
-15
-10
-5
0
-25
2052
900
VGC1 = 2.7V
VGC1 = 0.5V
Typical Operating Characteristics (continued)
Maxim Integrated │ 7
www.maximintegrated.com
MAX2121B
L-Band Tuner with Programmable
Baseband Filter




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl