Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX2121B Arkusz danych(PDF) 10 Page - Maxim Integrated Products

Numer części MAX2121B
Szczegółowy opis  L-Band Tuner with Programmable Baseband Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2121B Arkusz danych(HTML) 10 Page - Maxim Integrated Products

Back Button MAX2121B Datasheet HTML 6Page - Maxim Integrated Products MAX2121B Datasheet HTML 7Page - Maxim Integrated Products MAX2121B Datasheet HTML 8Page - Maxim Integrated Products MAX2121B Datasheet HTML 9Page - Maxim Integrated Products MAX2121B Datasheet HTML 10Page - Maxim Integrated Products MAX2121B Datasheet HTML 11Page - Maxim Integrated Products MAX2121B Datasheet HTML 12Page - Maxim Integrated Products MAX2121B Datasheet HTML 13Page - Maxim Integrated Products MAX2121B Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Detailed Description
Register Description
The MAX2121B includes 12 user-programmable registers
and two read-only registers. See Table 1 for register con-
figurations. The register configuration of Table 1 shows
each bit name and the bit usage information for all regis-
ters. Note that all registers must be written after and no
earlier than 100μs after the device is powered up. The
VCO autoselection circuit is triggered by writing to register
5. Thus register 5 should be the last register to be written
in order to ensure proper PLL lock.
X = Don’t care.
0 = Set to 0 for factory-tested operation.
1 = Set to 1 for factory-tested operation.
Table 1. Register Configuration
REG
NUMBER
REGISTER
NAME
READ/
WRITE
REG
ADDRESS
MSB
LSB
DATA BYTE
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
1
N-Divider
MSB
Write
0x00
FRAC
1
N[14]
N[13]
N[12]
N[11]
N[10]
N[9]
N[8]
2
N-Divider
LSB
Write
0x01
N[7]
N[6]
N[5]
N[4]
N[3]
N[2]
N[1]
N[0]
3
Charge
Pump
Write
0x02
CPMP[1]
0
CPMP[0]
0
CPLIN[1]
0
CPLIN[0]
1
F[19]
F[18]
F[17]
F[16]
4
F-Divider
MSB
Write
0x03
F[15]
F[14]
F[13]
F[12]
F[11]
F[10]
F[9]
F[8]
5
F-Divider
LSB
Write
0x04
F[7]
F[6]
F[5]
F[4]
F[3]
F[2]
F[1]
F[0]
6
XTAL
Buffer and
Reference
Divider
Write
0x05
XD[2]
XD[1]
XD[0]
R[4]
R[3]
R[2]
R[1]
R[0]
7
PLL
Write
0x06
D24
CPS
ICP
X
X
X
X
X
8
VCO
Write
0x07
VCO[4]
VCO[3]
VCO[2]
VCO[1]
VCO[0]
VAS
ADL
ADE
9
Lowpass
Filter
Write
0x08
LPF[7]
LPF[6]
LPF[5]
LPF[4]
LPF[3]
LPF[2] LPF[1] LPF[0]
10
Control
Write
0x09
STBY
X
PWDN
0
X
BBG[3]
BBG[2] BBG[1] BBG[0]
11
Shutdown
Write
0x0A
X
PLL
0
DIV
0
VCO
0
BB
0
RFMIX
0
RFVGA
0
FE
0
12
Test
Write
0x0B
CPTST[2]
0
CPTST[1]
0
CPTST[0]
0
X
TURBO
1
LD
MUX[2]
0
LD
MUX[1]
0
LD
MUX[0]
0
13
Status
Byte-1
Read
0x0C
POR
VASA
VASE
LD
X
X
X
X
14
Status
Byte-2
Read
0x0D
VCOSBR[4] VCOSBR[3] VCOSBR[2] VCOSBR[1] VCOSBR[0] ADC[2] ADC[1] ADC[0]
MAX2121B
L-Band Tuner with Programmable
Baseband Filter
www.maximintegrated.com
Maxim Integrated │ 10


Podobny numer części - MAX2121B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX2121BEVKIT MAXIM-MAX2121BEVKIT Datasheet
578Kb / 8P
   Fully Assembled and Tested
Rev 0; 6/15
MAX2121BEVKIT# MAXIM-MAX2121BEVKIT# Datasheet
578Kb / 8P
   Fully Assembled and Tested
Rev 0; 6/15
More results

Podobny opis - MAX2121B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
logo
Analog Devices
HMC6301 AD-HMC6301 Datasheet
725Kb / 24P
   Programmable baseband gain and filter bandwidth
logo
Sony Corporation
CXA3068N SONY-CXA3068N Datasheet
144Kb / 11P
   L-band Down Converter for Satellite Tuner
logo
Maxim Integrated Produc...
MAX2121 MAXIM-MAX2121 Datasheet
331Kb / 18P
   Complete Direct-Conversion L-Band Tuner 925MHz to 2175MHz Frequency Range
Rev 0; 6/11
logo
Oscilent Corporation
802-RF422.25M-B OSCILENT-802-RF422.25M-B Datasheet
530Kb / 3P
   CDMA450(L-Band), RF-Rx SAW Filter
803-RF412.25M-A OSCILENT-803-RF412.25M-A Datasheet
490Kb / 3P
   CDMA450 (L-Band), RF-Tx SAW Filter
logo
Mitel Networks Corporat...
SL2017 MITEL-SL2017 Datasheet
190Kb / 17P
   Full Band Satellite Tuner
logo
RF Micro Devices
S510075-33Z RFMD-S510075-33Z Datasheet
805Kb / 9P
   Out-of-Band Tuner
logo
Analog Devices
CN-0248 AD-CN-0248 Datasheet
199Kb / 6P
   An IQ Demodulator-Based IF-to-Baseband Receiver with IF and Baseband Variable Gain and Programmable Baseband Filtering
REV. 0
logo
Mitel Networks Corporat...
SL2015 MITEL-SL2015 Datasheet
181Kb / 17P
   Full Band Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com