Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


MAX2163 Datasheet(Arkusz danych) 10 Page - Maxim Integrated Products

Numer części MAX2163
Szczegółowy opis  ISDB-T 1-Segment Tuner
Pobierz  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  http://www.maxim-ic.com
Logo 

 10 page
background image
ISDB-T 1-Segment Tuner
10
______________________________________________________________________________________
Detailed Description
Register Descriptions
The MAX2163 includes 16 programmable registers and
2 read-only registers. Note: All programmable registers
must be written no earlier than 100µs after device power-
up or recovery from a brownout event (i.e., when VCC
drops below 1V). Follow up by rewriting the registers
needed for channel/frequency programming (i.e., regis-
ters 00–08) or simply rewrite all registers. The default val-
ues listed in Tables 1–15 are provided for informational
purposes only. The user must write all required register
values, including “factory use only” values.
MSB
DATA BYTE
REGISTER
NUMBER
REGISTER
NAME
READ/
WRITE
REGISTER
ADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
00
IF Filter
Read/
Write
0x00
TUN2
TUN1
TUN0
FLTS
IFL1
IFL0
PDBW1
PDBW0
01
VAS
Read/
Write
0x01
1
VASS
VAS
CPS
ADL
ADE
LTC1
LTC0
02
VCO
Read/
Write
0x02
0
VCO1
VCO0
VSB3
VSB2
VSB1
VSB0
VCOB
03
PDET/
RF-FILT
Read/
Write
0x03
PDBM1
PDBM0
PDET2
PDET1
PDET0
RFLT2
RFLT1
RFLT0
04
MODE
Read/
Write
0x04
RFVB
RFFB
HSLS
0
0
0
0
0
05
R-Divider
MSB
Read/
Write
0x05
R8
R7
R6
R5
R4
R3
R2
R1
06
R-Divider
LSB/CP
Read/
Write
0x06
CP1
CP0
0
DRFD
RFDA1
RFDA0
1
R0
07
N-Divider
MSB
Read/
Write
0x07
N11
N10
N9
N8
N7
N6
N5
N4
08
N-Divider
LSB/LIN
Read/
Write
0x08
N3
N2
N1
N0
0
MIX
RFVGA
STBY
09
STATUS
Read
Only
0X09
X
X
ADC2
ADC1
ADC0
VCP1
VCP0
PWR
0A
VAS
STATUS
Read
Only
0x0A
VVCO1
VVCO0
VVSB3
VVSB2
VVSB1
VVSB0
VASA
VASE
0B–11
Factory
Use Only
Read/
Write
0x0B–
0x11
0
0
0
0
0
0
0
0
Table 1. I2C and 4-Wire Register Configuration




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl