Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX2163 Arkusz danych(PDF) 14 Page - Maxim Integrated Products

Numer części MAX2163
Szczegółowy opis  ISDB-T 1-Segment Tuner
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2163 Arkusz danych(HTML) 14 Page - Maxim Integrated Products

Back Button MAX2163 Datasheet HTML 10Page - Maxim Integrated Products MAX2163 Datasheet HTML 11Page - Maxim Integrated Products MAX2163 Datasheet HTML 12Page - Maxim Integrated Products MAX2163 Datasheet HTML 13Page - Maxim Integrated Products MAX2163 Datasheet HTML 14Page - Maxim Integrated Products MAX2163 Datasheet HTML 15Page - Maxim Integrated Products MAX2163 Datasheet HTML 16Page - Maxim Integrated Products MAX2163 Datasheet HTML 17Page - Maxim Integrated Products MAX2163 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ISDB-T 1-Segment Tuner
14
______________________________________________________________________________________
BIT NAME
BIT LOCATION
(0 = LSB)
DEFAULT
FUNCTION
CP[1:0]
7, 6
00
Sets the charge-pump current.
00 = 1.5mA.
01 = 2mA.
10 = 2.5mA.
11 = 3mA.
X
5
0
Factory use only. Must be programmed to 0 upon power-up.
DRFD
4
1
Disable RF Detector
0 = Enables the wideband RF overload detector.
1 = Disables the wideband RF overload detector.
RFDA[1:0]
3, 2
11
Sets the RF overload detector attack point (subtract 6dB to each if PDIQ = 0).
00 = +37dB relative to IF attack point setting.
01 = +34dB relative to IF attack point setting.
10 = +31dB relative to IF attack point setting.
11* = +28dB relative to IF attack point setting.
*Only 11 is factory tested.
X
1
1
Factory use only. Must be programmed to 1 upon power-up.
R0
0
0
LSB of reference divider number
Table 9. R-Divider LSB/CP Register
Note: When changing R-divider value, both registers R-Divider MSB and R-Divider LSB must be loaded as they are double buffered.
BIT NAME
BIT LOCATION
(0 = LSB)
DEFAULT
FUNCTION
RFVB
7
0
Bypass 3rd-stage RFVGA.
0 = Enables 3rd-stage RFVGA.
1 = Disables the 3rd-stage RFVGA.
RFFB
6
0
Bypass integrated RF filter.
0 = Enables optional RF filter.
1 = Disables optional RF filter.
HSLS
5
0
Selects between high-side and low-side LO injection.
1 = Low-side injection.
0 = High-side injection.
X
4, 3, 2, 1, 0
0
Factory use only. Must be programmed to 0 upon power-up.
Table 7. MODE Register
BIT NAME
BIT LOCATION
(0 = LSB)
DEFAULT
FUNCTION
R[8:1]
7, 6, 5, 4, 3, 2,
1, 0
00111111
Sets the PLL reference divider (R) number. Default R divide value is 126
decimal. R can range from 16 to 511 decimal.
Table 8. R-Divider MSB Register
Note: When changing R-divider value, both registers R-Divider MSB and R-Divider LSB must be loaded as they are double buffered.


Podobny numer części - MAX2163

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX216 MAXIM-MAX216 Datasheet
212Kb / 8P
   Low-Power AppleTalk Interface Transceiver
19-0112; Rev 0; 3/93
MAX2160 MAXIM-MAX2160 Datasheet
343Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 3; 12/05
MAX2160 MAXIM-MAX2160 Datasheet
415Kb / 9P
   Evaluation Kit
Rev 0; 1/05
MAX2160 MAXIM-MAX2160 Datasheet
706Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
MAX2160EBG MAXIM-MAX2160EBG Datasheet
343Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 3; 12/05
More results

Podobny opis - MAX2163

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX2160 MAXIM-MAX2160_09 Datasheet
706Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
MAX2160 MAXIM-MAX2160 Datasheet
343Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 3; 12/05
logo
Analog Devices
ADMTV201 AD-ADMTV201 Datasheet
71Kb / 2P
   Low Power Mobile TV Tuner IC for ISDB-T
Rev. Sp0
logo
Skyworks Solutions Inc.
SI2180-B60 SKYWORKS-SI2180-B60 Datasheet
151Kb / 2P
   ISDB-T and DVB-T/C Demodulator
November 28, 2021
logo
Silicon Laboratories
SI2180-B60 SILABS-SI2180-B60 Datasheet
247Kb / 2P
   ISDB-T and DVB-T/C Demodulator
logo
Skyworks Solutions Inc.
SI21802-B60 SKYWORKS-SI21802-B60 Datasheet
146Kb / 2P
   Dual ISDB-T and DVB-T/C Demodulator
August 22, 2021
logo
EPCOS
B8740 EPCOS-B8740 Datasheet
115Kb / 9P
   SAW band-stop filter ISDB-T
logo
Silicon Laboratories
SI21802-B60 SILABS-SI21802-B60 Datasheet
161Kb / 2P
   Dual ISDB-T and DVB-T/C Demodulator
logo
EPCOS
LP62A EPCOS-LP62A Datasheet
85Kb / 7P
   SAW band-stop filter ISDB-T
B8741 EPCOS-B8741 Datasheet
95Kb / 9P
   SAW band-stop filter ISDB-T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com