Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX2163 Arkusz danych(PDF) 5 Page - Maxim Integrated Products

Numer części MAX2163
Szczegółowy opis  ISDB-T 1-Segment Tuner
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2163 Arkusz danych(HTML) 5 Page - Maxim Integrated Products

  MAX2163 Datasheet HTML 1Page - Maxim Integrated Products MAX2163 Datasheet HTML 2Page - Maxim Integrated Products MAX2163 Datasheet HTML 3Page - Maxim Integrated Products MAX2163 Datasheet HTML 4Page - Maxim Integrated Products MAX2163 Datasheet HTML 5Page - Maxim Integrated Products MAX2163 Datasheet HTML 6Page - Maxim Integrated Products MAX2163 Datasheet HTML 7Page - Maxim Integrated Products MAX2163 Datasheet HTML 8Page - Maxim Integrated Products MAX2163 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ISDB-T 1-Segment Tuner
_______________________________________________________________________________________
5
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2163 Evaluation Kit, VCC = +2.4V to +3.47V, fRF = 557.143MHz, fLO = 557.714MHz, fIF = 571kHz, fXTAL = 36MHz, VGC1 = VGC2 =
0.3V (maximum gain), default register settings, RF input signals as specified, IF output load as specified, TA = -40°C to +85°C, unless
otherwise noted. Typical values are at VCC = +2.5V, TA = +25°C, SHDN = VCC, STBY = GND, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CRYSTAL OSCILLATOR INPUT (XTAL)
Frequency Range
32
36
MHz
Input Capacitance
Crystal load capacitance
8
pF
Input Overdrive Level
AC-coupled sine wave input
0.5
1.5
VP-P
Input Negative Resistance
fXTAL = 36MHz
575
REFERENCE OSCILLATOR BUFFER OUTPUT (XTALOUT)
Output Frequency Range
16
18
MHz
Output Voltage Swing
ZL = 4k ||10pF
0.5
1.0
VP-P
Output Buffer Divide Range
2
2
Output Duty Cycle
45
55
%
Output Turn-On Time
XTAL amplitude > 0.5VP-P
4
ms
Note 1: Min and max values are production tested at TA = +85°C. Min and max limits at TA = -40°C and +25°C are guaranteed by
design and characterization.
Note 2: IFOUT output voltage level met over this range.
Note 3: In-band IM3 is measured with two tones at fLO - 450kHz and fLO - 550kHz. The RFAGC is engaged and set for the default
attack point of -58dBm. IFL[1:0] = 01, RFVGA = MXR = 1. VGC2 is adjusted to maintain 225mVP-P at IFOUT. Input power levels
(tone 1 plus tone 2) up to -10dBm and > 30dBc for levels from -10dBm to 0dBm.
Note 4: VGC1 is set for maximum attenuation (2.1V) and VGC2 is adjusted to maintain 225mVP-P at IFOUT for an equivalent 0dBm
input desired level. Closed loop, attack point at -58dBm, fRF = 767.143MHz, fLO = 767.714MHz, fRF1 = fRF + 4.25MHz,
fRF2 = fRF + 8MHz, -10dBm/tone. RFGR = 1, RFVGA = 1, and MXR = 1.


Podobny numer części - MAX2163

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX216 MAXIM-MAX216 Datasheet
212Kb / 8P
   Low-Power AppleTalk Interface Transceiver
19-0112; Rev 0; 3/93
MAX2160 MAXIM-MAX2160 Datasheet
343Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 3; 12/05
MAX2160 MAXIM-MAX2160 Datasheet
415Kb / 9P
   Evaluation Kit
Rev 0; 1/05
MAX2160 MAXIM-MAX2160 Datasheet
706Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
MAX2160EBG MAXIM-MAX2160EBG Datasheet
343Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 3; 12/05
More results

Podobny opis - MAX2163

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX2160 MAXIM-MAX2160_09 Datasheet
706Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
MAX2160 MAXIM-MAX2160 Datasheet
343Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 3; 12/05
logo
Analog Devices
ADMTV201 AD-ADMTV201 Datasheet
71Kb / 2P
   Low Power Mobile TV Tuner IC for ISDB-T
Rev. Sp0
logo
Skyworks Solutions Inc.
SI2180-B60 SKYWORKS-SI2180-B60 Datasheet
151Kb / 2P
   ISDB-T and DVB-T/C Demodulator
November 28, 2021
logo
Silicon Laboratories
SI2180-B60 SILABS-SI2180-B60 Datasheet
247Kb / 2P
   ISDB-T and DVB-T/C Demodulator
logo
Skyworks Solutions Inc.
SI21802-B60 SKYWORKS-SI21802-B60 Datasheet
146Kb / 2P
   Dual ISDB-T and DVB-T/C Demodulator
August 22, 2021
logo
EPCOS
B8740 EPCOS-B8740 Datasheet
115Kb / 9P
   SAW band-stop filter ISDB-T
logo
Silicon Laboratories
SI21802-B60 SILABS-SI21802-B60 Datasheet
161Kb / 2P
   Dual ISDB-T and DVB-T/C Demodulator
logo
EPCOS
LP62A EPCOS-LP62A Datasheet
85Kb / 7P
   SAW band-stop filter ISDB-T
B8741 EPCOS-B8741 Datasheet
95Kb / 9P
   SAW band-stop filter ISDB-T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com