Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


MAX5134EVKIT Datasheet(Arkusz danych) 2 Page - Maxim Integrated Products

Numer części MAX5134EVKIT
Szczegółowy opis  MAX5134 Evaluation Kit
Pobierz  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  http://www.maxim-ic.com
Logo 

 
 2 page
background image
MAX5134 Evaluation Kit
Evaluates: MAX5134–MAX5137
2
Maxim Integrated
*
EP = Exposed pad.
Note: Indicate that you are using the MAX5134 when contacting these component suppliers.
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
R16
0
Not installed, resistor (0402)
U1
1
Quad, 16-bit DAC (16 TQFN-EP*)
Maxim MAX5134AGTG+
U2
1
Low-power microcontroller
(68 QFN-EP*)
Maxim MAXQ2000-RAX+
U3
1
93C46 type 3-wire EEPROM
16-bit architecture (8 SO)
U4
1
UART-to-USB converter (32 TQFP)
U5
1
3.3V regulator (5 SC70)
Maxim MAX8511EXK33+T
(Top Mark: AEI)
DESIGNATION
QTY
DESCRIPTION
U6
1
2.5V regulator (5 SC70)
Maxim MAX8511EXK25+T
(Top Mark: ADV)
Y1
1
16MHz crystal
Y2
1
6MHz crystal
9
Shunts
1
USB high-speed A-to-B cable
1
PCB: MAX5134 Evaluation Kit+
Component Suppliers
SUPPLIER
PHONE
WEBSITE
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
TDK Corp.
847-803-6100
www.component.tdk.com
MAX5134 EV Kit Files
FILE
DESCRIPTION
INSTALL.EXE
Installs the EV kit files on your computer
MAX5134.EXE
Application program
FTD2XX.INF
USB device driver file
UNINST.INI
Uninstalls the EV kit software
USB_Driver_Help.PDF
USB driver installation help file




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl