Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX5312 Arkusz danych(PDF) 4 Page - Maxim Integrated Products

Numer części MAX5312
Szczegółowy opis  MAX5312 Evaluation Kit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5312 Arkusz danych(HTML) 4 Page - Maxim Integrated Products

  MAX5312 Datasheet HTML 1Page - Maxim Integrated Products MAX5312 Datasheet HTML 2Page - Maxim Integrated Products MAX5312 Datasheet HTML 3Page - Maxim Integrated Products MAX5312 Datasheet HTML 4Page - Maxim Integrated Products MAX5312 Datasheet HTML 5Page - Maxim Integrated Products MAX5312 Datasheet HTML 6Page - Maxim Integrated Products MAX5312 Datasheet HTML 7Page - Maxim Integrated Products MAX5312 Datasheet HTML 8Page - Maxim Integrated Products MAX5312 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MAX5312 Evaluation Kit
4
_______________________________________________________________________________________
Use the DAC scrollbar to set the 12-bit DAC data. The
adjacent label at the right of the scrollbar displays the
equivalent expected output-voltage values of the DAC.
Press the Load input register button to load the DAC
data into the input register of the MAX5312 (DAC out-
put unchanged). To load the input and DAC registers,
press the Load input and DAC registers button (DAC
output updated). To load the DAC register from the
input register, press the Load DAC register from
input register button (DAC output updated). Press the
Enter Shutdown Mode button to put the MAX5312 into
shutdown mode. To exit shutdown mode, press the
Exit Shutdown Mode button.
Hardware Control
The Hardware Control group box controls the signals
on the
CLR, LDAC, UNI/BIP, and the SHDN pins
through the GPIO pins of the microcontroller. By
default, the signals on
CLR, LDAC, and SHDN are high
and the signal on UNI/
BIP is low.
Press the Clear the input and DAC registers (/CLR)
button to generate a negative pulse on the
CLR pin and
asynchronously clear the input and DAC registers. The
DAC output is set to 0V in unipolar or bipolar mode.
Press the Update the DAC register (/LDAC) button to
generate a negative pulse on the
LDAC pin and asyn-
chronously load the DAC register from the input regis-
ter. The DAC output immediately updates with the data
from the input register.
In the UNI//BIP group box, select the Bipolar Mode
radio button to evaluate bipolar mode. Select the
Unipolar Mode radio button to evaluate unipolar mode.
In the /SHDN group box, select the Enter Shutdown
Mode radio button to set the
SHDN pin low to eval-
uate the shutdown mode and reduce the current con-
sumption. Select the Exit Shutdown Mode radio
button to set the
SHDN pin high and resume normal
operation. Hardware control takes precedence over
software control.
SPI Interface
Within the SPI Interface group box, the Status group
box displays the last command that is sent to the
MAX5312.
Use the Send Command group box to manually enter
the SPI command in hex format in the edit box and
send the command to the MAX5312 by pressing the
Send button.
Detailed Description of
Hardware
The MAX5312 EV kit board provides a proven layout for
evaluating the MAX5312. The EV kit comes with the
MAX5312EAE+ installed.
Voltage Reference
By default, the on-board MAX6126 +5V external refer-
ence is connected to the REF pin of the MAX5312. To
use an external voltage reference, place the shunts of
JU10 to the 2-3 position. Attach the external reference
between +2V and +5.25V to the REF pad. Adjust the
Voltage Reference values in the program.
User-Supplied Signals
To use the MAX5312 EV kit with an external SPI inter-
face, install the shunts of JU1, JU4, JU5, and JU6 to
the 2-3 position. Connect the SCLK, DIN,
CS, DOUT,
VCC, and GND lines from the external SPI interface to
the corresponding pads on the MAX5312 EV kit.
To apply the external signals to the
SHDN and UNI/BIP
pins of the MAX5312, install the shunts of JU2 and JU3
to the 2-3 position. Connect the external signals to the
SHDN and UNI/BIP pads on the MAX5312 EV kit.
Optimal Measurement
To have the optimal measurements of the DAC output
voltage, use an external power supply. After program-
ming the output voltage for the DAC, disconnect the
USB cable from the EV kit to eliminate any noise com-
ing from the USB, and measure the output.


Podobny numer części - MAX5312

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX5312 MAXIM-MAX5312 Datasheet
1Mb / 19P
   -10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
MAX5312EAE MAXIM-MAX5312EAE Datasheet
1Mb / 19P
   -10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
More results

Podobny opis - MAX5312

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com