Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


GD5F1GQ4REFIG Datasheet(Arkusz danych) 42 Page - GigaDevice Semiconductor (Beijing) Inc.

Numer części GD5F1GQ4REFIG
Szczegółowy opis  SPI(x1/x2/x4) NAND Flash
Pobierz  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Strona internetowa  http://www.gigadevice.com/
Logo 

 42 page
background image
SPI(x1/x2/x4) NAND Flash
1G
42
18 AC CHARACTERISTICS
(T= -40℃~105℃, VCC=1.7~2.0V/2.7~3.6V, CL=30pf)
Symbol
Parameter
Min.
Typ.
Max.
Unit.
FC
Serial Clock Frequency For: all command
DC.
120
MHz
tCH
Serial Clock High Time
4
ns
tCL
Serial Clock Low Time
4
ns
tCLCH
Serial Clock Rise Time (Slew Rate)
0.2
V/ns
tCHCL
Serial Clock Fall Time (Slew Rate)
0.2
V/ns
tSLCH
CS# Active Setup Time
5
ns
tCHSH
CS# Active Hold Time
5
ns
tSHCH
CS# Not Active Setup Time
5
ns
tCHSL
CS# Not Active Hold Time
5
ns
tSHSL/tCS
CS# High Time
20
ns
tSHQZ
Output Disable Time
20
ns
tCLQX
Output Hold Time
2
ns
tDVCH
Data In Setup Time
2
ns
tCHDX
Data In Hold Time
2
ns
tHLCH
Hold# Low Setup Time (relative to Clock)
5
ns
tHHCH
Hold# High Setup Time (relative to Clock)
5
ns
tCHHL
Hold# High Hold Time (relative to Clock)
5
ns
tCHHH
Hold# Low Hold Time (relative to Clock)
5
ns
tHLQZ
Hold# Low To High-Z Output
15
ns
tHHQX
Hold# High To Low-Z Output
15
ns
tCLQV
Clock Low To Output Valid
8
ns
tWHSL
WP# Setup Time Before CS# Low
20
ns
tSHWL
WP# Hold Time After CS# High
100
ns




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl