Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GD5F1GQ4REFIG Arkusz danych(PDF) 51 Page - GigaDevice Semiconductor (Beijing) Inc.

Numer części GD5F1GQ4REFIG
Szczegółowy opis  SPI(x1/x2/x4) NAND Flash
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Strona internetowa  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F1GQ4REFIG Arkusz danych(HTML) 51 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F1GQ4REFIG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 51 / 53 page
background image
SPI(x1/x2/x4) NAND Flash
1G
51
22 REVISION HISTORY
Version No
Description
Date
Page
1.0
Initial Release
Apr. 21,2017
1.1
1. Add RESET function description with ch12.2
2. Add RESET# pin on Connection Diagram ch2.2
3.Add read UID
May, 22, 2017
1.2
Update LGA8 POD size
Jane, 23, 2017
1.3
Modify Package WSON8 (8*6mm)
July,20,2017
1,4
Modify the Number of Figure and Table
Modify some typo of Read Operation Sequence Diagram
Sep.1.2017
1.5
Add the Note article 4 of Page Program
Oct.23.2017
1.6
Add the chapter of Valid Part Numbers
Nov.3.2017
1.7
Add the description of 1Gb SLC NAND
Add the description of Reliability
Delete Valid Part Number of GD5F1GQ4UE9IG
Modify the Figure of Program Load Sequence Diagram typo
Modify the package of LGA8
Dec.11.2017
1.8
Modify the package of WSON8,SOP16 300mil,TFBGA24
Modify the typo of LGA8
Add a note for Figure7-1
Dec.27.2017
1.9
Modify some typo.
Add Temperature Range J:Industrial(-40
℃ to 105℃) and related
description
Change Memory Mapping CA from <12:0> to <11:0>
Add a figure to description Read ID sequence
Add page size 2048bytes + 64bytes with ECC enabled
Modify
figure
10-1,10-2,10-4,10-5,10-6
Byte
from
2176
to
2176/2112, and add a note to explain
Merges chapters 2.1 and 20.1
Change the description of protection with WP# Pin
Feb.13.2018
2.0
Add Temperature Range F:Industrial+ (-40
℃ to 85℃)
Mar.12.2018
2.1
Modify the Value of Applied Input/ Output Voltage and VCC in
Chapter15
Modify the description of package LGA8 (6*8mm)
Jul.20, 2018
2.2
Update Ordering Information
Jul.25, 2018
2.3
Add Note2 to Table13-7
Aug.21, 2018
2.4
Modify the file name
Update the Ordering Information
Oct.16, 2018
2.5
Add package LGA8(6*5mm) in CH2.1 Product List
Add CPN GD5F1GQ4UE7IG
GD5F1GQ4RE7IG in CH2.1
Product List
Nov.26, 2018
6/51
6


Podobny numer części - GD5F1GQ4REFIG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GigaDevice Semiconducto...
GD5F1GQ4REFIH GIGADEVICE-GD5F1GQ4REFIH Datasheet
1Mb / 51P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIS GIGADEVICE-GD5F1GQ4REFIS Datasheet
1Mb / 60P
   SPI(x1/x2/x4) NAND Flash
More results

Podobny opis - GD5F1GQ4REFIG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GigaDevice Semiconducto...
GD5F2GQ4RFZIH GIGADEVICE-GD5F2GQ4RFZIH Datasheet
1Mb / 47P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIH GIGADEVICE-GD5F1GQ4REFIH Datasheet
1Mb / 51P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIS GIGADEVICE-GD5F1GQ4REFIS Datasheet
1Mb / 60P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4REZIG GIGADEVICE-GD5F2GQ4REZIG Datasheet
1Mb / 50P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIG GIGADEVICE-GD5F2GQ4RFZIG Datasheet
1Mb / 46P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIS GIGADEVICE-GD5F2GQ4RFZIS Datasheet
1Mb / 57P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIG GIGADEVICE-GD5F1GQ4RFFIG Datasheet
1Mb / 50P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIH GIGADEVICE-GD5F1GQ4RFFIH Datasheet
1Mb / 49P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIS GIGADEVICE-GD5F1GQ4RFFIS Datasheet
1Mb / 59P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4REZIH GIGADEVICE-GD5F2GQ4REZIH Datasheet
1Mb / 49P
   SPI(x1/x2/x4) NAND Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com