Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


GD5F1GQ4REFIG Datasheet(Arkusz danych) 9 Page - GigaDevice Semiconductor (Beijing) Inc.

Numer części GD5F1GQ4REFIG
Szczegółowy opis  SPI(x1/x2/x4) NAND Flash
Pobierz  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Strona internetowa  http://www.gigadevice.com/
Logo 

 9 page
background image
SPI(x1/x2/x4) NAND Flash
1G
9
3
ARRAY ORGANIZATION
Each block has
Each page has
128K+8K
2K+128
bytes
64
-
pages
-
-
blocks
Figure3-1. Array Organization
2048
128
2048
128
1 block
1 block = (2K + 128 bytes) x 64 pages
= (128K + 8K) bytes
1 page
= (2K + 128 bytes)
Cache Register
Data Register
SO
SI
Per device:
1Gb: 1024blocks
1 device:
For 1Gb = (128K + 8K) bytes x 1024 blocks
= 1Gb
Internal ECC = OFF
2048
64
2048
64
1 block
1 block = (2K + 64 bytes) x 64 pages
= (128K + 4K) bytes
1 page
= (2K + 64 bytes)
Cache Register
Data Register
SO
SI
Per device:
1Gb: 1024blocks
1 device:
For 1Gb = (128K + 4K) bytes x 1024 blocks
= 1Gb
Internal ECC= ON
Note:
1.When Internal ECC is enabled,user can program the first 64 bytes of the entire 128 bytes spare area and the
last 64 bytes of the whole spare area cannot be programed,user can read the entire 128 Byte spare area.
2.When Internal ECC is disabled,user can read and program the entire 128 bytes spare area.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl