Zakładka z wyszukiwarką danych komponentów |
|
GD25B127DPIG Arkusz danych(PDF) 47 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
GD25B127DPIG Arkusz danych(HTML) 47 Page - GigaDevice Semiconductor (Beijing) Inc. |
47 / 65 page 3.3V Uniform Sector Dual and Quad Serial Flash GD25B127D 47 8.5. DC CHARACTERISTICS (T= -40℃~85℃, VCC=2.7~3.6V) Symbol Parameter Test Condition Min. Typ. Max. Unit. ILI Input Leakage Current ±2 μA ILO Output Leakage Current ±2 μA ICC1 Standby Current CS#=VCC, VIN=VCC or VSS 20 50 μA ICC2 Deep Power-Down Current CS#=VCC, VIN=VCC or VSS 1 5 μA ICC3 Operating Current (Read) CLK=0.1VCC / 0.9VCC at 104MHz, Q=Open(*1 I/O) 15 20 mA CLK=0.1VCC / 0.9VCC at 80MHz, Q=Open(*1,*2,*4 I/O) 13 18 mA ICC4 Operating Current (PP) CS#=VCC 27 mA ICC5 Operating Current (WRSR) CS#=VCC 27 mA ICC6 Operating Current (SE) CS#=VCC 27 mA ICC7 Operating Current (BE) CS#=VCC 27 mA ICC8 Operating Current (CE) CS#=VCC 27 mA VIL Input Low Voltage 0.2VCC V VIH Input High Voltage 0.7VCC VCC+0.4 V VOL Output Low Voltage IOL =100μA 0.2 V VOH Output High Voltage IOH =- 100μA VCC-0.2 V Note: 1. Typical value tested at T = 25℃. 2. Value guaranteed by design and/or characterization, not 100% tested in production. |
Podobny numer części - GD25B127DPIG |
|
Podobny opis - GD25B127DPIG |