Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GD25D05CSJG Arkusz danych(PDF) 30 Page - GigaDevice Semiconductor (Beijing) Inc.

Numer części GD25D05CSJG
Szczegółowy opis  3.3V Uniform Sector Standard and Dual Serial Flash
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Strona internetowa  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25D05CSJG Arkusz danych(HTML) 30 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25D05CSJG Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05CSJG Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05CSJG Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05CSJG Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05CSJG Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05CSJG Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05CSJG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05CSJG Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05CSJG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
3.3V Uniform Sector
Standard and Dual Serial Flash
GD25D10C/05C
30
(T= -40℃~125℃, VCC=2.7~3.6V, CL=30pf)
Symbol
Parameter
Min.
Typ.
Max.
Unit.
fC
Serial Clock Frequency For: Fast Read (0BH)
100
MHz
fR
Serial Clock Frequency For: Read (03H), Dual Output (3BH)
80
MHz
tCLH
Serial Clock High Time
4
ns
tCLL
Serial Clock Low Time
4
ns
tCLCH
Serial Clock Rise Time (Slew Rate)
0.1
V/ns
tCHCL
Serial Clock Fall Time (Slew Rate)
0.1
V/ns
tSLCH
CS# Active Setup Time
5
ns
tCHSH
CS# Active Hold Time
5
ns
tSHCH
CS# Not Active Setup Time
5
ns
tCHSL
CS# Not Active Hold Time
5
ns
tSHSL
CS# High Time (Read/Write)
40
ns
tSHQZ
Output Disable Time
6
ns
tCLQX
Output Hold Time
0
ns
tDVCH
Data In Setup Time
2
ns
tCHDX
Data In Hold Time
2
ns
tCLQV
Clock Low To Output Valid
6
ns
tWHSL
Write Protect Setup Time Before CS# Low
20
ns
tSHWL
Write Protect Hold Time After CS# High
100
ns
tDP
CS# High To Deep Power-Down Mode
0.1
μs
tRES1
CS# High To Standby Mode Without Electronic Signature
Read
0.1
μs
tRES2
CS# High To Standby Mode With Electronic Signature Read
0.1
μs
tW
Write Status Register Cycle Time
4
30
ms
tBP1
Byte Program Time (First Byte)
30
80
μs
tBP2
Addition Byte Program Time (After First Byte)
2.5
20
μs
tPP
Page Programming Time
0.7
4.0
ms
tSE
Sector Erase Time
100
400
ms
tBE1
Block Erase Time (32K Bytes)
0.3
1.2
s
tBE2
Block Erase Time (64K Bytes)
0.5
2.0
s
tCE
Chip Erase Time (GD25D10C/05C)
1/0.5
4/2
s
Note:
1. Typical values given for TA=25°C VCC = 1.8V.
2. Value guaranteed by design and/or characterization, not 100% tested in production.


Podobny numer części - GD25D05CSJG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GigaDevice Semiconducto...
GD25D05C GIGADEVICE-GD25D05C Datasheet
4Mb / 28P
   MCU
More results

Podobny opis - GD25D05CSJG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GigaDevice Semiconducto...
GD25D20C GIGADEVICE-GD25D20C Datasheet
830Kb / 43P
   3.3V Uniform Sector Standard and Dual Serial Flash
GD25D80C GIGADEVICE-GD25D80C Datasheet
741Kb / 42P
   3.3V Uniform Sector Standard and Dual Serial Flash
GD25LD05C GIGADEVICE-GD25LD05C Datasheet
890Kb / 42P
   Uniform Sector Standard and Dual Serial Flash
GD25WD20C GIGADEVICE-GD25WD20C Datasheet
870Kb / 49P
   Uniform Sector Standard and Dual Serial Flash
GD25WD80C GIGADEVICE-GD25WD80C Datasheet
883Kb / 47P
   Uniform Sector Standard and Dual Serial Flash
GD25WD05C GIGADEVICE-GD25WD05C Datasheet
896Kb / 43P
   Uniform Sector Standard and Dual Serial Flash
GD25LD20C GIGADEVICE-GD25LD20C Datasheet
963Kb / 46P
   Uniform Sector Standard and Dual Serial Flash
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q127C GIGADEVICE-GD25Q127C Datasheet
1Mb / 79P
   3.3V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com