Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RL-8500 Arkusz danych(PDF) 2 Page - RENCO ELECTRONICS, INC.

Numer części RL-8500
Szczegółowy opis  SMD HIGH CURRENT TOROID INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENCO [RENCO ELECTRONICS, INC.]
Strona internetowa  https://www.rencousa.com/
Logo RENCO - RENCO ELECTRONICS, INC.

RL-8500 Arkusz danych(HTML) 2 Page - RENCO ELECTRONICS, INC.

  RL-8500 Datasheet HTML 1Page - RENCO ELECTRONICS, INC. RL-8500 Datasheet HTML 2Page - RENCO ELECTRONICS, INC. RL-8500 Datasheet HTML 3Page - RENCO ELECTRONICS, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
RL-8500-1
Renco Part No.
RL-8500-1
Inductance
(µH)
Irms
(A)
L (µH)
@ Rated Irms
DCR Max.
(Ohms)
DIM.
C Max.
RL-8500-1-1.0
1.0 ± 20%
22.7
0.68
0.0030
0.57
RL-8500-1-1.2
1.2 ± 20%
20.3
0.85
0.0030
0.57
RL-8500-1-1.5
1.5 ± 20%
20.3
1.02
0.0040
0.57
RL-8500-1-1.8
1.8 ± 20%
18.5
1.20
0.0035
0.57
RL-8500-1-2.2
2.2 ± 20%
17.2
1.45
0.0035
0.57
RL-8500-1-2.7
2.7 ± 20%
16.0
1.70
0.0040
0.57
RL-8500-1-3.3
3.3 ± 20%
16.0
2.13
0.0047
0.57
RL-8500-1-3.9
3.9 ± 20%
15.1
2.38
0.0050
0.57
RL-8500-1-4.7
4.7 ± 20%
14.4
2.90
0.0050
0.57
RL-8500-1-5.6
5.6 ± 20%
13.7
3.32
0.0055
0.57
RL-8500-1-6.8
6.8 ± 20%
13.1
3.91
0.0060
0.57
RL-8500-1-8.2
8.2 ± 20%
12.6
4.68
0.0065
0.57
RL-8500-1-10
10.0 ± 10%
11.7
5.85
0.0070
0.57
RL-8500-1-12
12.0 ± 10%
11.3
6.84
0.0080
0.57
RL-8500-1-15
15.0 ± 10%
10.7
8.23
0.0090
0.57
RL-8500-1-18
18.0 ± 10%
10.2
9.63
0.0100
0.57
RL-8500-1-22
22.0 ± 10%
9.7
11.43
0.0110
0.57
RL-8500-1-27
27.0 ± 10%
8.2
14.40
0.0140
0.54
RL-8500-1-33
33.0 ± 10%
7.0
18.09
0.0190
0.54
RL-8500-1-39
39.0 ± 10%
6.8
20.88
0.0200
0.62
RL-8500-1-47
47.0 ± 10%
6.5
24.48
0.0240
0.62
RL-8500-1-56
56.0 ± 10%
6.2
28.49
0.0260
0.62
RL-8500-1-68
68.0 ± 10%
5.9
33.39
0.0290
0.62
RL-8500-1-82
82.0 ± 10%
5.6
39.06
0.0300
0.62
RL-8500-1-100
100.0 ± 10%
5.4
46.26
0.0350
0.62
RL-8500-1-120
120.0 ± 10%
5.1
53.64
0.0430
0.62
RL-8500-1-150
150.0 ± 10%
4.3
69.57
0.0520
0.59
RL-8500-1-180
180.0 ± 10%
3.7
86.67
0.0660
0.60
RL-8500-1-220
220.0 ± 10%
3.5
102.42
0.0740
0.60
RL-8500-1-270
270.0 ± 10%
3.4
121.41
0.0820
0.60
RL-8500-1-330
330.0 ± 10%
3.2
143.55
0.0900
0.60
RL-8500-1-390
390.0 ± 10%
3.1
164.61
0.1080
0.60
RL-8500-1-470
470.0 ± 10%
2.6
207.36
0.1330
0.57
RL-8500-1-560
560.0 ± 10%
2.5
241.20
0.1500
0.57
RL-8500-1-680
680.0 ± 10%
2.1
303.39
0.2020
0.54
RL-8500-1-820
820.0 ± 10%
2.0
354.69
0.2300
0.60
RL-8500-1-1000
1000.0 ± 10%
1.9
417.33
0.2800
0.60
NOTES:
1. ELECTRICAL SPECIFICATIONS MEASURED AT 25ºC
2. Irms - CURRENT THAT CAUSES THE TEMPERATURE TO RISE
APPROX. 30ºC ABOVE AMBIENT OF 25ºC
3. RESISTANCE TO SOLDER HEAT: 260ºC 10 SECONDS
4. INDUCTANCE TESTED AT 10 kHz, 0.1Vrms


Podobny numer części - RL-8500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RENCO ELECTRONICS, INC.
RL-8000-1 RENCO-RL-8000-1 Datasheet
1Mb / 4P
   SMD POWER INDUCTORS
RL-8000-1-100K RENCO-RL-8000-1-100K Datasheet
1Mb / 4P
   SMD POWER INDUCTORS
RL-8000-1-101K RENCO-RL-8000-1-101K Datasheet
1Mb / 4P
   SMD POWER INDUCTORS
RL-8000-1-120K RENCO-RL-8000-1-120K Datasheet
1Mb / 4P
   SMD POWER INDUCTORS
RL-8000-1-121K RENCO-RL-8000-1-121K Datasheet
1Mb / 4P
   SMD POWER INDUCTORS
More results

Podobny opis - RL-8500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
2218 ETC1-2218 Datasheet
32Kb / 1P
   high Current Toroid Inductors
logo
Bourns Electronic Solut...
5722 BOURNS-5722 Datasheet
474Kb / 1P
   High Current Toroid Inductors
2221-H BOURNS-2221-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2322-H BOURNS-2322-H Datasheet
112Kb / 1P
   High Current Toroid Inductors
2111-H BOURNS-2111-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2122-H BOURNS-2122-H Datasheet
117Kb / 1P
   High Current Toroid Inductors
2318-H-RC BOURNS-2318-H-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
2218-H-RC BOURNS-2218-H-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2206-V-RC BOURNS-2206-V-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com