Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

T1635T-6I Arkusz danych(PDF) 1 Page - Inchange Semiconductor Company Limited

Numer części T1635T-6I
Szczegółowy opis  isc Thyristors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

T1635T-6I Arkusz danych(HTML) 1 Page - Inchange Semiconductor Company Limited

  T1635T-6I Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Thyristors
T1635T-6I
DESCRIPTION
·
With TO-220 packaging
·
Operating in 3 quadrants
·
High commutation capability
·
Minimum Lot-to-Lot variations for robust device performance
and reliable operation
APPLICATIONS
·
Solid state relays;heating and cooking appliances
·
Switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MAX
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IT(RSM)
Average on-state current
@Tc=86℃
16
A
ITSM
Surge non-repetitive on-state current
50HZ
60HZ
120
126
A
PG(AV)
Average gate power dissipation ( over any 20 ms period )
1.0
W
Tj
Operating junction temperature
-40~125
Tstg
Storage temperature
-40~150
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM Rated;
VD=VDRM Rated;
Tj=25℃
Tj=125℃
Tj=150℃
0.005
1.0
1.9
mA
IDRM
Repetitive peak off-state current
VTM
On-state voltage
IT=22.6A
1.55
V
IGT
Gate-trigger current
VD =12V;RG=30Ω
35
mA
35
35
VGT
Gate-trigger voltage
VD =12V;RG=30Ω
1.3
V
Rth (j-c)
Junction to case
Half cycle
2.1
/W


Podobny numer części - T1635T-6I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
T1635T-6I STMICROELECTRONICS-T1635T-6I Datasheet
148Kb / 9P
   Snubberless?? logic level and standard 16 A Triacs
More results

Podobny opis - T1635T-6I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
   isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
   isc Thyristors
BTW69-1200 ISC-BTW69-1200 Datasheet
217Kb / 1P
   isc Thyristors
SK016R ISC-SK016R Datasheet
221Kb / 1P
   isc Thyristors
C122B1 ISC-C122B1 Datasheet
220Kb / 1P
   isc Thyristors
BCR16CM-12LB ISC-BCR16CM-12LB Datasheet
220Kb / 1P
   isc Thyristors
BTA41-400B ISC-BTA41-400B Datasheet
220Kb / 1P
   isc Thyristors
BTA330X-800BT ISC-BTA330X-800BT Datasheet
222Kb / 1P
   isc Thyristors
BT137S-600 ISC-BT137S-600 Datasheet
222Kb / 1P
   isc Thyristors
BTA26-600BWRG ISC-BTA26-600BWRG Datasheet
220Kb / 1P
   isc Thyristors
BT136S-600E ISC-BT136S-600E Datasheet
221Kb / 1P
   isc Thyristors
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com