Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE3515-I Arkusz danych(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Numer części PE3515-I
Szczegółowy opis  PE series PCB safety isolation transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Strona internetowa  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

PE3515-I Arkusz danych(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  PE3515-I Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PE series PCB safety isolation transformer
Model:PE3515-I
Characteristics:
Vacuum Epoxy Encapsulated,PCB mounting,Pirmary voltage:
110V/220V/230V,or producing as customerized.
Technical Index:
Technical Index:PCB
Flame resistance :UL94-V0
Insulation class:B
Operation temperature:-30℃~+70℃
Work frequency:50Hz~60Hz
Dielectric strength:3.75KV 50Hz 1min
Technical Parameters table:
Dimension(in mm):
Primary voltage
Primary voltage range
Voltage regulation
Power
Temperature rising
No load loss
weight
110/220/230
±10
≤26
3.5
≤22
≤0.5
120
V
%
%
VA
W
g
Double
6V×2
7.5V×2
9V×2
12V×2
15V×2
18V×2
24V×2
Single
6V
7.5V
9V
12V
15V
18V
24V
Double
8.5V×2
10.7V×2
12.8V×2
17V×2
20.5V×2
25.6V×2
34V×2
Single
8.5V
10.7V
12.8V
16.5V
20.5V
25.6V
34V
Double
291.5mA×2
233mA×2
194mA×2
145.5mA×2
116.5mA×2
97mA×2
72.5mA×2
Single
583mA
466mA
388mA
291mA
233mA
194mA
145mA
www.yhdc.com
Email:yhdc@yhdc.com
1
5
7
9
6
7
9
10
1
5
0.6±0.02
20.32±0.3
29.21±0.3
5.08
5.08
10.16
6 7
5
9 10
1
38.5±0.5
φ2.5
Schematic Diagram:
Single output
Double output
Front View
Bottom View
Secondary voltage
Secondary full load current
Secondary no load voltage


Podobny numer części - PE3515-I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Beijing Yaohuadechang E...
PE3515-M YHDC-PE3515-M Datasheet
642Kb / 1P
   PE series PCB safety isolation transformer
More results

Podobny opis - PE3515-I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Beijing Yaohuadechang E...
PE2815S-I YHDC-PE2815S-I Datasheet
640Kb / 1P
   PE series PCB safety isolation transformer
PE3015-M YHDC-PE3015-M Datasheet
632Kb / 1P
   PE series PCB safety isolation transformer
PE3022-M YHDC-PE3022-M Datasheet
688Kb / 1P
   PE series PCB safety isolation transformer
PE3518-I YHDC-PE3518-I Datasheet
628Kb / 1P
   PE series PCB safety isolation transformer
PE4110C-I YHDC-PE4110C-I Datasheet
687Kb / 1P
   PE series PCB safety isolation transformer
PE4117-M YHDC-PE4117-M Datasheet
622Kb / 1P
   PE series PCB safety isolation transformer
PE4809C-M YHDC-PE4809C-M Datasheet
624Kb / 1P
   PE series PCB safety isolation transformer
PE4820-I YHDC-PE4820-I Datasheet
6Mb / 1P
   PE series PCB safety isolation transformer
PE4820R-M YHDC-PE4820R-M Datasheet
4Mb / 1P
   PE series PCB safety isolation transformer
PE4825R-M YHDC-PE4825R-M Datasheet
598Kb / 1P
   PE series PCB safety isolation transformer
PE2812S-I YHDC-PE2812S-I Datasheet
1Mb / 1P
   PE series PCB safety isolation transformer
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com