Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD-F522RD Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części BD-F522RD
Szczegółowy opis  DUAL DIGIT LED DISPLAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

BD-F522RD Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  BD-F522RD Datasheet HTML 1Page - List of Unclassifed Manufacturers BD-F522RD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BD-A531RD
BD-C531RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.8
BD-A535RD
BD-C535RD
BD-A535RE
BD-C535RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BD-A532RD
BD-C532RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.5
BD-A533RD
BD-C533RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.5
GaAsP/GaP/ Hi-Eff.Red
BD-A534RD
BD-C534RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.5
BD-A536RD
BD-C536RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.5
0.52"
Dual-Digit
BD-A53DRD
BD-C53DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.5
DD-19
BD-E521RD
BD-F521RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.8
BD-E525RD
BD-F525RD
BD-E525RE
BD-F525RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BD-E522RD
BD-F522RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.5
BD-E523RD
BD-F523RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.5
GaAsP/GaP/ Hi-Eff.Red
BD-E524RD
BD-F524RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.5
BD-E526RD
BD-F526RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.5
0.54"
Alpha-
Numeric
Displays
BD-E52DRD
BD-F52DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.5
DD-20
BD-A511RD
BD-C511RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.8
BD-A515RD
BD-C515RD
BD-A515RE
BD-C515RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BD-A512RD
BD-C512RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.5
BD-A513RD
BD-C513RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.5
GaAsP/GaP/ Hi-Eff.Red
BD-A514RE
BD-C514RE
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.5
BD-A516RD
BD-C516RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.5
0.56"
Dual-Digit
BD-A51DRD
BD-C51DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.5
DD-21
BG-A511RD
BG-C511RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.9
BG-A515RD
BG-C515RD
BG-A515RE
BG-C515RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.6
BG-A512RD
BG-C512RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.8
BG-A513RD
BG-C513RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.8
GaAsP/GaP/ Hi-Eff.Red
BG-A514RE
BG-C514RE
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.6
BG-A516RD
BG-C516RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.8
0.56"
Overflow
Dual-Digit
BG-A51DRD
BG-C51DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.8
DD-22
BD-A541RD
BD-C541RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.9
BD-A545RD
BD-C545RD
BD-A545RE
BD-C545RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.6
BD-A542RD
BD-C542RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.8
BD-A543RD
BD-C543RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.8
GaAsP/GaP/ Hi-Eff.Red
BD-A544RE
BD-C544RE
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.6
BD-A546RD
BD-C546RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.8
BD-A54DRD
BD-C54DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.8
DD-23
BD-E541RD-A
BD-F541RD-A
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.9
BD-E545RD-A
BD-F545RD-A
BD-E545RE-A
BD-F545RE-A
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.6
BD-E542RD-A
BD-F542RD-A
GaP/ Green
568
30
80
30
150
2.2
2.5
3.8
BD-E543RD-A
BD-F543RD-A
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.8
GaAsP/GaP/ Hi-Eff.Red
BD-E544RE-A
BD-F544RE-A
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.6
BD-E546RD-A
BD-F546RD-A
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.8
0.56"
Dual-Digit
BD-E54DRD-A BD-F54DRD-A
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.8
DD-24
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Podobny numer części - BD-F522RD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BRIGHT LED ELECTRONICS ...
BD-F523RD BRIGHT-BD-F523RD Datasheet
183Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
More results

Podobny opis - BD-F522RD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Yellow Stone Corp
BD-E401ND-A YSTONE-BD-E401ND-A Datasheet
197Kb / 2P
   DUAL DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BD-A401 ETC-BD-A401 Datasheet
195Kb / 2P
   DUAL DIGIT LED DISPLAYS
BS-AD11RD ETC-BS-AD11RD Datasheet
127Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AE11RD-A ETC-BS-AE11RD-A Datasheet
139Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AD41 ETC-BS-AD41 Datasheet
121Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AE01RD YSTONE-BS-AE01RD Datasheet
130Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-A561RD YSTONE-BS-A561RD Datasheet
189Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BT-M511RD YSTONE-BT-M511RD Datasheet
121Kb / 1P
   THREE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD31RD ETC-BS-AD31RD Datasheet
152Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AG21 YSTONE-BS-AG21 Datasheet
137Kb / 1P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com