Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX16823EVKIT Arkusz danych(PDF) 4 Page - Maxim Integrated Products

Numer części MAX16823EVKIT
Szczegółowy opis  MAX16823 Evaluation Kit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16823EVKIT Arkusz danych(HTML) 4 Page - Maxim Integrated Products

  MAX16823EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX16823EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX16823EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX16823EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX16823EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX16823EVKIT Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Input-Voltage Consideration
For proper operation, the EV kit’s minimum input volt-
age must always be:
VIN(MIN) ≥ VFT(MAX) + ΔVDO + VCS(MAX)
where VFT(MAX) is the total forward voltage of all series-
connected LEDs, ΔVDO is the MAX16823 dropout volt-
age from IN to OUT_, and VCS(MAX) is the regulated
current-sense voltage.
The EV kit can operate below the minimum VIN(MIN)
voltage; however, the output current may not meet the
full regulation specification.
Power Dissipation
Thermal shutdown turns the device off if power dissipa-
tion in the MAX16823 IC causes the junction tempera-
ture to reach +155°C (typ). The MAX16823 EV kit is
configured for operation between the 6.5V to 16V range
while powering the on-board LEDs. When configuring
the MAX16823 EV kit for other configurations, total
power dissipation on the PCB should be considered to
prevent thermal shutdown. Verify that components Q1
and R5 power-dissipation ratings are not exceeded
when operating external LEDs at OUT_3.
MAX16823 Evaluation Kit
4
_______________________________________________________________________________________
JU7
R4
4.02
Ω
1%
OUT1
CS1
JU6
JU5
JU4
R3
4.02
Ω
1%
C1
OPEN
C2
0.1
μF
50V
R6
10k
Ω
OUT2
CS2
D1
D2
D3
R2
4.02
Ω
1%
CS_3
OUT_3
Q1
2
3
1
2
1
3
R5
0.4
Ω
1%
R1
OPEN
OUT3
GND
CS3
IN
GND
LEDGOOD
OUT2
CS2
OUT1
LEDGOOD
REG
DIM1
DIM2
DIM3
LGC
CS1
IN
IN
IN
MAX16823
U1
567
14
11
15
10
4
9
1
2
3
8
12
16
13
TP1
R7
0
Ω
JU1
DIM1
2
1
3
JU2
DIM2
2
1
3
JU3
DIM3
GND
2
1
3
D4
D5
D6
D7
D8
D9
Figure 1. MAX16823 EV Kit Schematic


Podobny numer części - MAX16823EVKIT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX16823 MAXIM-MAX16823 Datasheet
315Kb / 13P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 1; 3/07
MAX16823 MAXIM-MAX16823 Datasheet
195Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 2; 10/08
MAX16823 MAXIM-MAX16823 Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823ATE MAXIM-MAX16823ATE Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823ATE++ MAXIM-MAX16823ATE+ Datasheet
315Kb / 13P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 1; 3/07
More results

Podobny opis - MAX16823EVKIT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com