Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX16820EVKIT Arkusz danych(PDF) 4 Page - Maxim Integrated Products

Numer części MAX16820EVKIT
Szczegółowy opis  MAX16820 Evaluation Kit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16820EVKIT Arkusz danych(HTML) 4 Page - Maxim Integrated Products

  MAX16820EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX16820EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX16820EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX16820EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX16820EVKIT Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MAX16820 Evaluation Kit
4
_______________________________________________________________________________________
Figure 2. MAX16820 EV Kit Component Placement Guide—
Component Side
Figure 3. MAX16820 EV Kit PCB Layout—Component Side
2
3
N1
R1
0.2
Ω
1%
R2
100k
Ω
6
5
4
2
1
3
2
JU1
1
CSN
VIN
VIN
VIN
DIM
DIM
GND
LED+
LED-
D1
C3
OPEN
C4
1
μF
L1
56
μH
DIM
GND
C1
OPEN
C2
1
μF
VCC
DRV
GND
IN
DIM
U1
1
MAX16820
Figure 1. MAX16820 EV Kit Schematic Diagram


Podobny numer części - MAX16820EVKIT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX16820 MAXIM-MAX16820 Datasheet
216Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 0; 12/06
MAX16820ATT+T MAXIM-MAX16820ATT+T Datasheet
216Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 0; 12/06
MAX16820ATT+T MAXIM-MAX16820ATT+T Datasheet
918Kb / 9P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 3; 2/15
MAX16820ATT+T MAXIM-MAX16820ATT+T Datasheet
867Kb / 9P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
2017
MAX16820ATTT MAXIM-MAX16820ATTT Datasheet
220Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 1; 3/07
More results

Podobny opis - MAX16820EVKIT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com