Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N201-050-PU Arkusz danych(PDF) 3 Page - Tripp Lite. All Rights Reserved

Numer części N201-050-PU
Szczegółowy opis  Premium Cat6 Gigabit Snagless Molded UTP Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Purple, 50 ft.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N201-050-PU Arkusz danych(HTML) 3 Page - Tripp Lite. All Rights Reserved

  N201-050-PU Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N201-050-PU Datasheet HTML 2Page - Tripp Lite. All Rights Reserved N201-050-PU Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Color
Purple
Wire Type
Solid
Snagless Connector
Yes
Cable Shielding
UTP
COMMUNICATIONS
Network Speed
1Gbps
CONNECTIONS
Side A - Connector 1
RJ45 (MALE)
Side B - Connector 1
RJ45 (MALE)
FEATURES & SPECIFICATIONS
Technology
Cat6
CERTIFICATIONS
Certifications
RoHS-Compliant
Approvals
EIA/TIA CAT6 TIA/EIA - 568-B-2.1
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
3 / 3


Podobny numer części - N201-050-PU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
N201-050-BK TRIPPLITE-N201-050-BK Datasheet
158Kb / 2P
   Cat6 Gigabit Snagless Molded Patch Cable (RJ45 M/M) - Black, 50-ft.
N201-050-BL TRIPPLITE-N201-050-BL Datasheet
159Kb / 2P
   Cat6 Gigabit Snagless Molded Patch Cable (RJ45 M/M) - Blue, 50-ft.
N201-050-GN TRIPPLITE-N201-050-GN Datasheet
159Kb / 2P
   Cat6 Gigabit Snagless Molded Patch Cable (RJ45 M/M) - Green, 50-ft.
N201-050-GY TRIPPLITE-N201-050-GY Datasheet
157Kb / 3P
   Cat6 Gigabit Snagless Molded Patch Cable (RJ45 M/M) - Gray, 50-ft.
N201-050-GY-P TRIPPLITE-N201-050-GY-P Datasheet
158Kb / 2P
   Cat6 Gigabit Plenum-Rated Snagless Molded Patch Cable, (RJ45 M/M) - Gray, 50-ft.
More results

Podobny opis - N201-050-PU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
N201-050-OR TRIPPLITE-N201-050-OR Datasheet
173Kb / 3P
   Premium Cat6 Gigabit Snagless Molded UTP Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Orange, 50 ft.
N201-004-GN TRIPPLITE-N201-004-GN Datasheet
168Kb / 3P
   Premium Cat6 Gigabit Snagless Molded UTP Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Green, 4 ft.
N201-035-BK TRIPPLITE-N201-035-BK Datasheet
169Kb / 3P
   Premium Cat6 Gigabit Snagless Molded UTP Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Black, 35 ft.
N201-035-GY TRIPPLITE-N201-035-GY Datasheet
181Kb / 3P
   Premium Cat6 Gigabit Snagless Molded UTP Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Gray, 35 ft.
N201-035-OR TRIPPLITE-N201-035-OR Datasheet
175Kb / 3P
   Premium Cat6 Gigabit Snagless Molded UTP Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Orange, 35 ft.
N201-075-BK TRIPPLITE-N201-075-BK Datasheet
186Kb / 3P
   Premium Cat6 Gigabit Snagless Molded UTP Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Black, 75 ft.
N201-004-WH TRIPPLITE-N201-004-WH Datasheet
167Kb / 3P
   Premium Cat6 Gigabit Snagless Molded UTP Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), White, 4 ft.
N201-035-GN TRIPPLITE-N201-035-GN Datasheet
170Kb / 3P
   Premium Cat6 Gigabit Snagless Molded UTP Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Green, 35 ft.
N201-008-WH TRIPPLITE-N201-008-WH Datasheet
168Kb / 3P
   Premium Cat6 Gigabit Snagless Molded UTP Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), White, 8 ft.
N201-004-RD TRIPPLITE-N201-004-RD Datasheet
176Kb / 3P
   Premium Cat6 Gigabit Snagless Molded UTP Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Red, 4 ft.
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com