Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


KM2520SYCK09 Datasheet(Arkusz danych) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Numer części KM2520SYCK09
Szczegółowy opis  Subminiature Solid State Lamp
Pobierz  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Strona internetowa  http://www.to-grace.com/index.html
Logo 

   
 3 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAD0281 / 1202000720 Rev No: V.16B Date: 10/20/2017
Page 3 / 4
0.5
0.5
0.0
-90°
-75°
-60°
-45°
-30°
-15°
75°
60°
45°
30°
15°
90°
1.0
1.0
Ta = 25 °C
0
10
20
30
40
50
1.5
1.7
1.9
2.1
2.3
2.5
Ta = 25 °C
Forward voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
0
1020
3040
50
Ta = 25 °C
Forward current (mA)
0
10
20
30
40
50
-40 -20
0
20 406080 100
Ambient temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
204060 80 100
Ambient temperature (°C)
0%
20%
40%
60%
80%
100%
350
400
450
500
550
600
650
700
750
800
Ta = 25 °C
Yellow
Wavelength (nm)
TECHNICAL DATA
RELATIVE INTENSITY vs. WAVELENGTH
SUPER BRIGHT YELLOW
TAPE SPECIFICATIONS (units : mm)
REEL DIMENSION (units : mm)
REFLOW SOLDERING PROFILE for LEAD-FREE SMD PROCESS
SPATIAL DISTRIBUTION
KM2520SYCK09
Forward Current vs.
Forward Voltage
Luminous Intensity vs.
Forward Current
Forward Current Derating Curve
Luminous Intensity vs.
Ambient Temperature
Notes:
1. Don't cause stress to the LEDs while it is exposed to high temperature.
2. The maximum number of reflow soldering passes is 2 times.
3. Reflow soldering is recommended. Other soldering methods are not recommended as they might
cause damage to the product.
Kingbright




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl