Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


KM2520SYCK09 Datasheet(Arkusz danych) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Numer części KM2520SYCK09
Szczegółowy opis  Subminiature Solid State Lamp
Pobierz  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Strona internetowa  http://www.to-grace.com/index.html
Logo 

   
 1 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAD0281 / 1202000720 Rev No: V.16B Date: 10/20/2017
Page 1 / 4
DESCRIPTIONS
The Super Bright Yellow device is made with
AlGaInP (on GaAs substrate) light emitting diode chip
Electrostatic discharge and power surge could
damage the LEDs
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs
All devices, equipments and machineries must be
electrically grounded
FEATURES
Subminiature package
Z-bend lead
Long life - solid state reliability
Low package profile
Moisture sensitivity level: 3
Package: 1000 pcs / reel
RoHS compliant
APPLICATIONS
Backlight
Status indicator
Home and smart appliances
Wearable and portable devices
Healthcare applications
ATTENTION
Observe precautions for handling
electrostatic discharge sensitive devices
PACKAGE DIMENSIONS
SELECTION GUIDE
KM2520SYCK09
Subminiature Solid State Lamp
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Part Number
Emitting Color
(Material)
Lens Type
Iv (mcd) @ 20mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
KM2520SYCK09
Super Bright Yellow
(AlGaInP)
Water Clear
1600
2700
20
°
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
3. Luminous intensity value is traceable to CIE127-2007 standards.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to change
without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
Kingbright
香港至恩科技有限公司    
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl