Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ALM150 Arkusz danych(PDF) 2 Page - XP Power Limited

Numer części ALM150
Szczegółowy opis  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  XPPOWER [XP Power Limited]
Strona internetowa  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ALM150 Arkusz danych(HTML) 2 Page - XP Power Limited

  ALM150 Datasheet HTML 1Page - XP Power Limited ALM150 Datasheet HTML 2Page - XP Power Limited ALM150 Datasheet HTML 3Page - XP Power Limited ALM150 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ALM150 Series
www.xppower.com
2
AC-DC Power Supplies
Input
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage
80
264
VAC
19, 24 & 48V models: Derate linearly from 100% load at 90
VAC to 80% load at 80 VAC, 300 VAC/5s maximum.
12 & 15 V models: Derate linearly from 100% load at 100
VAC to 80% load at 80 VAC, 300 VAC/5s maximum.
Input Frequency
47
63
Hz
Input Current
1.8/0.9
A
Measured at 115/230 VAC
Inrush Current
160
A
230 VAC, cold start at 25 °C
Power Factor
>0.9
EN61000-3-2 Class A
Earth Leakage Current
250
µA
264 VAC, 60 Hz
No Load Input Power
0.15
W
Input Protection
T3.15A/250 VAC internal fuse in both line & neutral
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
12
48
VDC
See Models and Ratings table
Initial Set Accuracy
±2
%
At 50% load
Minimum Load
No minimum load required
Start Up Delay
12
s
Start Up Rise Time
50
ms
Hold Up Time
20
30
ms
Full load and 115/230 VAC
Line Regulation
±0.5
%
Total Regulation
±5
%
Transient Response
4%
Maximum deviation, recovering to less than 1% within
500 µs for 50-75-50% load change
Ripple and Noise
1.5
% pk-pk
20 MHz bandwidth, measured with 20 MHz Bandwidth and
10 µF electrolytic in parallel with 0.1 µF ceramic capacitor.
Overshoot
5
10
%
At turn on / turn off
Overload Protection
115
175
%
Overvoltage Protection
150
%
Recycle mains to reset
Short Circuit Protection
Trip and restart (hiccup), auto resetting
Thermal Protection
Measured internally, auto resetting
Temperature Coefficient
0.02
%/°C
Patient Leakage Current
95
µA
264 VAC, 60 Hz
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
0
+60
°C
Derate from 100% load at 40 °C to 30% load at 60 °C
Cooling
Natural convection
Operating Humidity
5
95
%RH
Non-condensing
Storage Temperature
-25
+80
°C
Operating Altitude
5000
m
Shock
IEC68-2-27, 30 g, 11 ms half sine, 3 times in each of 6 axes
Vibration
IEC68-2-6, 10-500 Hz, 2 g 10 mins/sweep, 60 mins for each of 3 axes
60%
20%
40%
80%
0
Ambient Temperature (ºC)
100%
40
60
20
Derating Curve


Podobny numer części - ALM150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
XP Power Limited
ALM150 XPPOWER-ALM150 Datasheet
564Kb / 4P
   AC-DC Power Supplies
ALM150PS12 XPPOWER-ALM150PS12 Datasheet
564Kb / 4P
   AC-DC Power Supplies
ALM150PS15 XPPOWER-ALM150PS15 Datasheet
564Kb / 4P
   AC-DC Power Supplies
ALM150PS19 XPPOWER-ALM150PS19 Datasheet
564Kb / 4P
   AC-DC Power Supplies
ALM150PS24 XPPOWER-ALM150PS24 Datasheet
564Kb / 4P
   AC-DC Power Supplies
More results

Podobny opis - ALM150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com