Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ALM200 Arkusz danych(PDF) 1 Page - XP Power Limited

Numer części ALM200
Szczegółowy opis  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  XPPOWER [XP Power Limited]
Strona internetowa  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ALM200 Arkusz danych(HTML) 1 Page - XP Power Limited

  ALM200 Datasheet HTML 1Page - XP Power Limited ALM200 Datasheet HTML 2Page - XP Power Limited ALM200 Datasheet HTML 3Page - XP Power Limited ALM200 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ALM200 Series
AC-DC Power Supplies
The ALM200 series of medical external power supplies is fully approved to international medical &
IT safety standards. It has been designed with very high efficiency and low standby power, enabling
it to meet the latest environmental legislation. The unit has a fully sealed enclosure complying with
IP32 and a smooth surface finish making it easier to wipe down in a clinical setting.
• Medical & IT Safety Approvals
• Energy Efficiency Level VI & EU CoC Tier 2 Compliant
• 4th Edition Medical EMC
• IP32 Environmental Rating
• Class I and Class II Versions
• <0.15 W Standby Power
• 0 °C to 60 °C Operation
• Low Earth Leakage Current
• 3 Year Warranty
200 Watts
Dimensions:
ALM200:
8.23 x 3.23 x 1.69” (209.0 x 82.0 x 43.0 mm)
www.xppower.com
1
Models & Ratings
Notes
Output Power
Output Voltage
Output Current
Load Regulation
Efficiency(4)
Model Number(1,2,3)
200 W
12.0 V
16.7 A
3.5%
91.7%
ALM200PS12
15.0 V
13.4 A
92.4%
ALM200PS15
19.0 V
10.6 A
3.0%
92.8%
ALM200PS19
24.0 V
8.4 A
92.2%
ALM200PS24
48.0 V
4.2 A
92.4%
ALM200PS48
1. For class II versions, add suffix 'C2-8' to the end of the part number e.g.
ALM200PS24C2-8.
2. For optional input connector retention clip add suffix ‘-A’ to the model number,
e.g. ALM200PS24-A (not available for C2 versions)
3. Power de-rated <100 VAC for 12 & 15 V models, refer to input specifications.
4. Typical average value measured at 25%, 50%, 75% and 100% load at 230VAC
1. All dimensions shown in inches (mm). Tolerance is 0.02 (0.5) maximum, except
output cable length.
2. Weight: 2.01 lbs (910 kg) approx.
3. For European mains lead order part EU-MAINS-IEC for C14 versions, or EU-
MAINS-8 for C8 versions.
4. For UK mains lead order part UK-MAINS-IEC for C14 versions, or UK-MAINS-8
for C8 versions.
5. For US mains lead order part US-MAINS-IEC for C14 versions, or US-MAINS-8
for C8 versions.
6. Output connector: 4 pin molex Mini-Fit part number 39-03-9042 housing with
45750 crimp terminals and mates with molex header 46999-0516 or equivalent.
Notes
Mechanical Details
0.193 (4.9)
3.2
(82.0)
1.69
(43.0)
7.48 (190.0)
5.12 (130.2)
0.063
(1.6)
2.5
(63.5)
1.97
(50.2)
8.2 (209.0)
35.4, ±0.78 (900.0 ±20.0)
1.96, ±0.78 (50.0 ±20.0)
1.41, ±0.079 (36.0 ±2.0)
ø0.78, ±0.079 (ø20.0 ±2.0)
Class I
AC Input
IEC 320-C14
Optional Class II
AC Input
IEC 320-C8
Molex 39-03-9042
Pin
Connection
1
RTN
2
RTN
3
+Vout
4
+Vout


Podobny numer części - ALM200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
XP Power Limited
ALM200 XPPOWER-ALM200 Datasheet
684Kb / 4P
   AC-DC Power Supplies
ALM200PS12 XPPOWER-ALM200PS12 Datasheet
684Kb / 4P
   AC-DC Power Supplies
ALM200PS15 XPPOWER-ALM200PS15 Datasheet
684Kb / 4P
   AC-DC Power Supplies
ALM200PS19 XPPOWER-ALM200PS19 Datasheet
684Kb / 4P
   AC-DC Power Supplies
ALM200PS24 XPPOWER-ALM200PS24 Datasheet
684Kb / 4P
   AC-DC Power Supplies
More results

Podobny opis - ALM200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com