Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RDF25 Arkusz danych(PDF) 4 Page - XP Power Limited

Numer części RDF25
Szczegółowy opis  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  XPPOWER [XP Power Limited]
Strona internetowa  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RDF25 Arkusz danych(HTML) 4 Page - XP Power Limited

  RDF25 Datasheet HTML 1Page - XP Power Limited RDF25 Datasheet HTML 2Page - XP Power Limited RDF25 Datasheet HTML 3Page - XP Power Limited RDF25 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RDF25 Series
www.xppower.com
20 March 19
DC-DC Converter
Application Notes
Remote On/Off - Single Output
-Vout 5
+Vout 4
2 -Vin
3 Ctrl
1 +Vin
Load
EMC
Trim Tables
Derating Curve
-Vout 5
+Vout 4
2 -Vin
1 +Vin
Load
C1
+
L1
25%
-40
-20
020
40
60
80
100 120
50 55
50%
75%
100%
Ambient Temperature (ºC)
With heat-sink
Without heat-sink
Output Voltage Trim
-Vout 5
+Vout 4
Trim 6
Trim down
Trim up
Rd
Ru
Positive logic. Module turns on with logic high. Logic low turns module off. On/Off
is enabled by an external switch between the control pin 3 and -Vin pin 2, e.g.
open collector or drain. If the Remote On/Off is not used leave pin 3 floating.
C1
L1
2.2 µF, 100 V
4.7 µH
Trim Down %
5 V
12 V
15 V
24 V
Rd (k
Ω)
1
248.700
323.351
174.366
881.316
2
110.625
138.100
91.104
466.830
3
66.263
79.928
56.589
293.177
4
44.381
51.470
37.706
197.709
5
31.346
34.591
25.796
137.326
6
22.695
23.418
17.598
95.690
7
16.534
15.477
11.611
65.243
8
11.924
9.542
7.047
42.009
9
8.345
4.939
3.453
23.696
10
5.485
1.264
0.548
8.891
Trim Up%
5 V
12 V
15 V
24 V
Ru (k
Ω)
1
227.338
367.425
661.510
2846.648
2
109.310
179.645
231.250
955.230
3
68.596
113.623
134.015
542.693
4
47.972
79.929
91.042
362.055
5
35.510
59.489
66.818
260.681
6
27.166
45.767
51.270
195.786
7
21.187
35.919
40.445
150.682
8
16.694
28.508
32.475
117.514
9
13.193
22.728
26.362
92.097
10
10.389
18.094
21.524
71.999
Not applicable for 24 V models
(Electrolytic)


Podobny numer części - RDF25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
RDF005 ETC1-RDF005 Datasheet
149Kb / 2P
   1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
logo
First Components Intern...
RDF005 FCI-RDF005 Datasheet
149Kb / 2P
   1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
logo
List of Unclassifed Man...
RDF01 ETC1-RDF01 Datasheet
149Kb / 2P
   1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
logo
First Components Intern...
RDF01 FCI-RDF01 Datasheet
149Kb / 2P
   1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
logo
List of Unclassifed Man...
RDF02 ETC1-RDF02 Datasheet
149Kb / 2P
   1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
More results

Podobny opis - RDF25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com