Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC53401 Arkusz danych(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC53401
Szczegółowy opis  DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC53401 Arkusz danych(HTML) 33 Page - Texas Instruments

Back Button DAC53401 Datasheet HTML 29Page - Texas Instruments DAC53401 Datasheet HTML 30Page - Texas Instruments DAC53401 Datasheet HTML 31Page - Texas Instruments DAC53401 Datasheet HTML 32Page - Texas Instruments DAC53401 Datasheet HTML 33Page - Texas Instruments DAC53401 Datasheet HTML 34Page - Texas Instruments DAC53401 Datasheet HTML 35Page - Texas Instruments DAC53401 Datasheet HTML 36Page - Texas Instruments DAC53401 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
VOUT
RSET
VCC
Q1
LED
ISET
ILED = ISET
VDAC
VFB
VDD
DACx340 1
+
-
VGS
33
DAC53401, DAC43401
www.ti.com
SLASES7 – JULY 2019
Product Folder Links: DAC53401 DAC43401
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The DACx3401 is a buffered-output, single-channel, low-power DAC available in a tiny 3 × 3 package. The
features, low power, and small package makes this DAC suitable for general-purpose applications in a wide
range of end equipment. Some of the most common applications for this devices are set-and-forget LED biasing
in automotive applications and mobile projectors, power-supply control, general-purpose function generation,
medical alarm generation, programmable comparator applications (such as smoke detectors, standalone PWM
control loops, and offset and gain trimming in precision circuits).
9.2 Typical Applications
This section explains the design details of three primary applications of DACx3401: programmable LED biasing,
power-supply control. and medical alarm generation.
9.2.1 Programmable LED Biasing
LED and laser biasing or driving circuits often require accuracy and stability of the luminosity with respect to
variation in temperature, electrical conditions, and physical characteristics. This accuracy and stability are most
effectively achieved using a precision DAC, such as the DACx3401. The DACx3401 has additional features,
such as the VFB pin that compensates for the gate-to-source voltage of the transistor (VGS) drop and the drift of
the MOSFET. The NVM allows the microprocessor to set-and-forget the LED biasing value, even during a power
cycle. Figure 18 shows the circuit diagram for LED biasing.
Figure 18. LED Biasing
9.2.1.1 Design Requirements
DAC output range: 0 V to 2.4 V
LED current range: 0 mA to 20 mA


Podobny numer części - DAC53401

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC53401 TI1-DAC53401 Datasheet
1Mb / 43P
[Old version datasheet]   DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401 TI-DAC53401 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401 TI-DAC53401 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
More results

Podobny opis - DAC53401

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC53401 TI1-DAC53401_V01 Datasheet
1Mb / 43P
[Old version datasheet]   DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1_V01 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53701 TI-DAC53701 Datasheet
3Mb / 59P
[Old version datasheet]   DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701-Q1 TI-DAC53701-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701-Q1 TI-DAC53701-Q1_V01 Datasheet
2Mb / 56P
[Old version datasheet]   DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
REVISED SEPTEMBER 2023
logo
Microchip Technology
MCP4706 MICROCHIP-MCP4706 Datasheet
15Mb / 86P
   8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
2011
MCP48FEBXX MICROCHIP-MCP48FEBXX Datasheet
1Mb / 92P
   8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
07/14/15
logo
Texas Instruments
DAC53608 TI1-DAC53608 Datasheet
430Kb / 32P
[Old version datasheet]   Octal, 10-Bit or 8-Bit, I2C Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 QFN Package
DAC63204 TI-DAC63204_V02 Datasheet
3Mb / 82P
[Old version datasheet]   DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com