Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


CFAF240400C0-030SC Datasheet(Arkusz danych) 4 Page - Crystalfontz America, Inc.

Numer części CFAF240400C0-030SC
Szczegółowy opis  IPS TFT DISPLAY MODULE
Pobierz  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Strona internetowa  https://www.crystalfontz.com/
Logo 

 
 4 page
background image
Crystalfontz
CFAF240400C0-030SC TFT Display Module
https://www.crystalfontz.com
Datasheet Release Date 2019-06-03
Page | 4
2. Module Description
This is a full color IPS TFT graphic display module with a bright white LED backlight and built in
capacitive touch screen. This display is also designed with a ZIF tail for easy PCA integration.
This display has a selectable color resolution between an 8 color span, a 65k color span, and a 262k
color span.
This display has a built-in ILITEK ILI9327 controller; see the ILITEK ILI9327 controller datasheet for
further reference including controller command sets and settings descriptions.
3. Features
• 240*400 Dot Matrix
• High Brightness LED Backlight
• Any Angle Viewing Direction
• Built-in Controller: ILITEK ILI9327
• Operating Temperature: -20°C ~+70°C
• Storage Temperature: -30°C~+80°C
• +3.3V Power Supply
• Interface: 8/9/16/18-bit Parallel , RGB, SPI
4. Mechanical Data
Item
Specification
(mm)
Specification
(inch, reference)
Overall Width and Height
45.04 (W) x 77.00 (H) x 3.85
(D)
1.7732 (W) x 3.0315 (H) x .1516 (D)
Viewing Area
39.54 (W) x 66.00 (H)
1.5567 (W) x 2.5984 (H)
Active Area
39.24 (W) x 65.40 (H)
1.5449 (W) x 2.5748 (H)
Dot Pitch
0.1635 (W) x 0.1635 (H)
0.0064 (W) x 0.0064 (H)
Weight (Typical)
19.6 grams
0.69 ounces




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl