Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


CFAF240400C0-030SC Datasheet(Arkusz danych) 7 Page - Crystalfontz America, Inc.

Numer części CFAF240400C0-030SC
Szczegółowy opis  IPS TFT DISPLAY MODULE
Pobierz  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Strona internetowa  https://www.crystalfontz.com/
Logo 

 7 page
background image
Crystalfontz
CFAF240400C0-030SC TFT Display Module
https://www.crystalfontz.com
Datasheet Release Date 2019-06-03
Page | 7
6. Display Pin Table
PIN No.
Symbol
Function
1
IM0
Interface Select
2
IM1
Interface Select
3
IM2
Interface Select
4
RESET
Active LOW Reset
5
VSYNC
Vertical Sync. Used in RGB mode. If not used, set to GND
6
HSYNC
Horizontal Sync. Used in RGB mode. If not used, set to GND
7
PCLK
Pixel Clock. Used in RGB mode. If not used, set to GND
8
DE
Data Enable. Used in RGB mode. If MDDI mode is set and this pin
is not in use, leave open. Otherwise if not being used, set to GND
9-26
DB17- DB00
Data bus pins. If MDDI mode is set and these pins are not in use,
leave open. Otherwise if not being used, set to GND
27
SD0
Serial Data Output
28
DIN/SDA
Serial Data Input
29
RD
Read Select
30
WR/SCL
Write Select/Serial Clock.
31
RS
Register Select (Data/Command select) 1 = Data, 0 = Command
32
CS
Chip Select Active LOW
33-34
VCC
Supply Voltage 2.5V-3.6V
35-36
GND
Ground
37
LEDK4
LED 4 Cathode
38
LEDK3
LED 3 Cathode
39
LEDK2
LED 2 Cathode
40
LEDK1
LED 1 Cathode
41
LEDA
LED Anode
42
XR
NC
43
YD
NC
44
XL
NC
45
YU
NC
7. Interface Table
IM0
IM1
IM2
Function
0
0
0
18-bit interface
0
0
1
9-bit interface, MDDI
0
1
0
16-bit interface
0
1
1
8-bit interface
1
0
1
3-Wire SPI
1
1
1
4-Wire SPI
Notes:
(1)
RGB can be used in conjunction with SPI. See Appendix for detailed pinouts.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl