Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


CFAF240400C0-030SC Datasheet(Arkusz danych) 8 Page - Crystalfontz America, Inc.

Numer części CFAF240400C0-030SC
Szczegółowy opis  IPS TFT DISPLAY MODULE
Pobierz  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Strona internetowa  https://www.crystalfontz.com/
Logo 

 8 page
background image
Crystalfontz
CFAF240400C0-030SC TFT Display Module
https://www.crystalfontz.com
Datasheet Release Date 2019-06-03
Page | 8
8. Capacitive Touch Pin Table
PIN No.
Symbol
Function
1
GND
Ground
2
VDDIO
I/O Power Supply Voltage
3
VDD
Supply Voltage
4
SCL
I2C Clock
5
SDA
I2C Data Input/Output
6
INT
Interrupt to the Host
7
RESET
Reset Active LOW
8
GND
Ground
9. Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Notes
Supply Voltage
VCC
-0.3
4.6
V
(1)(2)(3)
Operating Temperature
TOP
-20
+70
°C
-
Storage Temperature
TSTG
-30
+80
°C
-
Notes:
(2)
These are stress ratings only. Extended exposure to the absolute maximum ratings listed above may affect
device reliability or cause permanent damage.
(3)
Functional operation should be restricted to the limits in the Electrical Characteristics table below.
10. Electrical Characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
Supply Voltage
VCC
-
2.4
3.3
3.6
V
High-level Input
VIH
-
0.7 x VCC
-
VCC
V
Low-level Input
VIL
-
GND
-
0.3 x VCC
V
High-level Output
VOH
-
0.8 x VCC
-
VCC
V
Low-level Output
VOL
-
GND
-
0.2 x VCC
V
50% Check Board
Operating Current
ICDD
VCC = 3.0V
-
8
-
mA
11. Optical Characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
Horizontal
-
160
-
deg
View Angle
Left
CR>10
-
80
-
deg
Right
-
80
-
deg
Vertical
160
deg
Top
-
80
-
deg
Bottom
-
80
-
deg
Contrast Ratio
CR
Θ=0
400:1
500:1
-
-
Response Time
Trise + Tfall
-
35
50
ms




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl