Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


CFAF240400C0-030SC Datasheet(Arkusz danych) 9 Page - Crystalfontz America, Inc.

Numer części CFAF240400C0-030SC
Szczegółowy opis  IPS TFT DISPLAY MODULE
Pobierz  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Strona internetowa  https://www.crystalfontz.com/
Logo 

 9 page
background image
Crystalfontz
CFAF240400C0-030SC TFT Display Module
https://www.crystalfontz.com
Datasheet Release Date 2019-06-03
Page | 9
12. Backlight Characteristics
Item
Condition
Symbol
Min
Typ
Max
Unit
Supply Current
V=3.2v
I
60
80
-
mA
Supply Voltage
IF=80mA
V
-
3.2
-
V
Luminous Intensity for
LCM
IV
340
-
-
cd/m2
LED Lifetime
-
50K
-
-
Hr.
Color
White
Notes:
(1)
Supply current minimum value is only for reference since the LED brightness efficiency keeps enhancing.
Current consumption becomes less and less to achieve the same luminance.
(2)
Lifetime is defined as the amount of time when the luminance has decayed to <50% of the initial value (50K
hours is an estimate for reference only).




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl