Zakładka z wyszukiwarką danych komponentów |
|
CFAF240400E0-030TN Arkusz danych(PDF) 4 Page - Crystalfontz America, Inc. |
|
CFAF240400E0-030TN Arkusz danych(HTML) 4 Page - Crystalfontz America, Inc. |
4 / 22 page Crystalfontz https://www.crystalfontz.com CFAF240400E0-030TN TFT Display Module Datasheet Release Date 2019-03-06 Page | 4 2. Module Description This is a full color TFT graphic display module with a white LED backlight. This display is also designed with a ZIF tail for easy PCA integration. This display has a selectable color resolution between a 65k color span and a 262k color span. This display has a built-in ILITEK ILI9327 controller; see the ILITEK ILI9327 controller datasheet for further reference including controller command sets and settings descriptions. 3. Features • 240*400 Dot Matrix • 12 O’clock Viewing Angle • White LED Backlight • Any Angle Viewing Direction • Built-in Controller: ILITEK ILI9327 • Operating Temperature: -20°C ~+70°C • Storage Temperature: -30°C~+80°C • +3.3V Power Supply • Interface: 8/9/16/18-bit Parallel , RGB, SPI 4. Mechanical Data Item Specification (mm) Specification (inch, reference) Overall Width and Height 45.04 (W) x 77.00 (H) x 2.60 (D) 1.773 (W) x 3.032 (H) x .102 (D) Active Area 38.88 (W) x 64.80 (H) 1.531 (W) x 2.551 (H) Dot Pitch 0.162 (W) x 0.162 (H) 0.0064 (W) x 0.0064 (H) Weight (Typical) 15.8 grams 0.557 ounces |
Podobny numer części - CFAF240400E0-030TN |
|
Podobny opis - CFAF240400E0-030TN |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |