Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

703-00-28 Arkusz danych(PDF) 1 Page - Qualtek Electronics Corporation

Numer części 703-00-28
Szczegółowy opis  AC RECEPTACLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  QUALTEK [Qualtek Electronics Corporation]
Strona internetowa  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

703-00-28 Arkusz danych(HTML) 1 Page - Qualtek Electronics Corporation

  703-00-28 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Qualtek Electronics Corp.
PPC DIVISION
Part Number:
703-00/28
Description:
AC RECEPTACLE
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
B.Zhang
05-28-02
05-28-02
JJH / 05-28-02
UNIT: mm
REV. C
NOTES:
MATERIAL:
MOLDING: NYLON, FLAMMABILITY RATING UL 94 V-0
CONTACTS: BRASS, PINS NICKEL PLATED,TAGS TIN PLATED
SCREW TERMINALS: NICKEL PLATED
RATING:
UL, CSA: 15A 250V AC
CONTACT RESISTANCEl <10m OHM
INSULATION RESISTANCE: >10 M OHM
A.C. BREAKDOWN:
POLE-POLE: 5kV
POLES-PANEL: 5.4kV
OPERATING TEMPERATURE: -40 ˚C TO 70 ˚C
MAX. PIN TEMPERATURE: +65 ˚C
APPROVALS: UL,CSA
RoHS COMPLIANT
APPROVED
DATE
DESCRIPTION
REV.
REVISION
B
C
RoHS Compliancy
Updated Approvals
06-01-06
03-16-15
DP
LY
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR
OR COMMUNICATED TO A THIRD PARTY WITHOUT
THE EXPRESS WRITTEN PERMISSION OF AN OFFICER
OF QUALTEK ELECTRONICS.
CONTROLLED
49.8
40.0
40.0
30.23
R5.94
Ø3.4
Ø3.4
R5.0
27.4
40.0
FRONT OF PANEL CUTOUT
REAR OF PANEL CUTOUT
3
2.8


Podobny numer części - 703-00-28

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Qualtek Electronics Cor...
703-00-07 QUALTEK-703-00-07 Datasheet
424Kb / 1P
   AC RECEPTACLE
703-00-07C QUALTEK-703-00-07C Datasheet
366Kb / 1P
   AC RECEPTACLE
703-00-09 QUALTEK-703-00-09 Datasheet
382Kb / 1P
   AC RECEPTACLE
703-00-09C QUALTEK-703-00-09C Datasheet
361Kb / 1P
   AC RECEPTACLE
703-00-48 QUALTEK-703-00-48 Datasheet
377Kb / 1P
   AC RECEPTACLE
More results

Podobny opis - 703-00-28

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Qualtek Electronics Cor...
742W-15-04 QUALTEK-742W-15-04 Datasheet
363Kb / 1P
   AC RECEPTACLE
742W-15-20 QUALTEK-742W-15-20 Datasheet
417Kb / 1P
   AC RECEPTACLE
744W-00-04 QUALTEK-744W-00-04 Datasheet
341Kb / 1P
   AC RECEPTACLE
746W-15-07 QUALTEK-746W-15-07 Datasheet
379Kb / 1P
   AC RECEPTACLE
746W-15-08 QUALTEK-746W-15-08 Datasheet
380Kb / 1P
   AC RECEPTACLE
703W-00-53 QUALTEK-703W-00-53 Datasheet
390Kb / 1P
   AC RECEPTACLE
710W-00-03 QUALTEK-710W-00-03 Datasheet
379Kb / 1P
   AC RECEPTACLE
739W-X2-03 QUALTEK-739W-X2-03 Datasheet
392Kb / 1P
   AC RECEPTACLE
771W-AX2-01 QUALTEK-771W-AX2-01 Datasheet
355Kb / 1P
   AC RECEPTACLE
701W-X2-02 QUALTEK-701W-X2-02 Datasheet
382Kb / 1P
   AC RECEPTACLE
logo
List of Unclassifed Man...
740W-F-02 ETC2-740W-F-02 Datasheet
363Kb / 1P
   AC RECEPTACLE
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com