Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VLMPG32P1Q1-GS08 Arkusz danych(PDF) 7 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Numer części VLMPG32P1Q1-GS08
Szczegółowy opis  Power SMD LED PLCC-4
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Strona internetowa  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMPG32P1Q1-GS08 Arkusz danych(HTML) 7 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLMPG32P1Q1-GS08 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMPG32P1Q1-GS08 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMPG32P1Q1-GS08 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMPG32P1Q1-GS08 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMPG32P1Q1-GS08 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMPG32P1Q1-GS08 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMPG32P1Q1-GS08 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMPG32P1Q1-GS08 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMPG32P1Q1-GS08 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
VLMPG32..
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 30-Apr-13
7
Document Number: 81868
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SOLDERING PROFILE
Fig. 11 - Vishay Lead (Pb)-free Reflow Soldering Profile
(acc. to J-STD-020)
Fig. 12 - Double Wave Soldering of Opto Devices (all Packages)
BAR CODE PRODUCT LABEL (example)
A. Type of component
B. PTC = manufacturing plant
C. SEL - selection code (bin):
e.g.: K2 = code for luminous intensity group
4 = code for color group
D. Batch/date code
E. Total quantity
F. Company code
G. Code for lead (Pb)-free classification (e3)
DRY PACKING
The reel is packed in an anti-humidity bag to protect the
devices from absorbing moisture during transportation and
storage.
FINAL PACKING
The sealed reel is packed into a cardboard box. A secondary
cardboard box is used for shipping purposes.
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s
max. ramp down 6 °C/s
19885
IR Reflow Soldering Profile for Lead (Pb)-free Soldering
Preconditioning acc. to JEDEC level 2a
max. 2 cycles allowed
255 °C
235 °C
to 260 °C
2 K/s
ca. 200 K/s
second
wave
first wave
5 s
full line: typical
dotted line: process limits
Time (s)
lead temperature
300
250
200
150
100
50
0
0
50
100
150
200
250
948626-1
TTW Soldering (acc. to CECC00802)
100 °C
to 130 °C
forced cooling
ca. 2 K/s
ca. 5 K/s
106
37
A
F
B
C
D
E
G
21026
Aluminum bag
Label
Reel
15973


Podobny numer części - VLMPG32P1Q1-GS08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VLMPG32P1Q1-GS08 VISHAY-VLMPG32P1Q1-GS08 Datasheet
221Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.0, 05-May-08
VLMPG32P1Q1-GS08 VISHAY-VLMPG32P1Q1-GS08 Datasheet
1Mb / 9P
   Power SMD LED PLCC-4
Rev. 1.2, 30-Apr-13
More results

Podobny opis - VLMPG32P1Q1-GS08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VLMW32T2V1-5K8L-08 VISHAY-VLMW32T2V1-5K8L-08 Datasheet
293Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.1, 20-Jul-07
VLMR32 VISHAY-VLMR32 Datasheet
217Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.2, 16-May-13
VLMW321ABBB5K8L-08 VISHAY-VLMW321ABBB5K8L-08 Datasheet
910Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.2, 25-Apr-13
VLMW3200-GS08 VISHAY-VLMW3200-GS08 Datasheet
317Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.2, 30-Jul-08
VLMPG32 VISHAY-VLMPG32 Datasheet
1Mb / 9P
   Power SMD LED PLCC-4
Rev. 1.2, 30-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMS322T2V1-GS08 TO-GRACE-VLMS322T2V1-GS08 Datasheet
1Mb / 12P
   Power SMD LED PLCC-4
logo
Vishay Siliconix
VLMK322U1V2-GS08 VISHAY-VLMK322U1V2-GS08 Datasheet
239Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.3, 16-May-13
VLMK32ABBB-GS08 VISHAY-VLMK32ABBB-GS08 Datasheet
232Kb / 11P
   Power SMD LED PLCC-4
Rev. 1.0, 25-Feb-08
VLMPG32P1Q1-GS08 VISHAY-VLMPG32P1Q1-GS08 Datasheet
221Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.0, 05-May-08
TLMK32T2V1-GS18 VISHAY-TLMK32T2V1-GS18 Datasheet
309Kb / 15P
   Power SMD LED PLCC-4
Rev. 1.0, 22-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com