Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VLMPG33N1P2 Arkusz danych(PDF) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Numer części VLMPG33N1P2
Szczegółowy opis  Power SMD LED PLCC-2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Strona internetowa  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMPG33N1P2 Arkusz danych(HTML) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLMPG33N1P2 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMPG33N1P2 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMPG33N1P2 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMPG33N1P2 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMPG33N1P2 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMPG33N1P2 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMPG33N1P2 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMPG33N1P2 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VLMPG33N1P2, VLMYG33P1Q2
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 03-Nov-15
4
Document Number: 81335
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Relative Luminous Intensity vs. Forward Current
Fig. 8 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 9 - Change of Dominant Wavelength vs. Ambient Temperature
Fig. 10 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 11 - Change of Dominant Wavelength vs.
Ambient Temperature
0.01
0.1
1
10
1
10
100
I
F - Forward Current ( mA )
Pure Green
20393
Yellowgreen
0.0
0.5
1.0
1.5
2.0
2.5
3.0
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
18616
pure green
- 8
- 6
- 4
- 2
0
2
4
6
8
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
18617
pure green
0
0.5
1.0
1.5
2.0
2.5
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
18619
yellow green
- 8
- 6
- 4
- 2
0
2
4
6
8
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
18620
yellow green


Podobny numer części - VLMPG33N1P2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VLMPG33N1P2 VISHAY-VLMPG33N1P2 Datasheet
195Kb / 9P
   Power SMD LED PLCC-2
Rev. 1.2, 10-Sep-07
VLMPG33N1P2 VISHAY-VLMPG33N1P2 Datasheet
222Kb / 8P
   Power SMD LED PLCC-2
01-Jan-2022
VLMPG33N1P2 VISHAY-VLMPG33N1P2 Datasheet
222Kb / 8P
   Power SMD LED PLCC-2
01-Jan-2023
VLMPG33N1P2-GS08 VISHAY-VLMPG33N1P2-GS08 Datasheet
195Kb / 9P
   Power SMD LED PLCC-2
Rev. 1.2, 10-Sep-07
VLMPG33N1P2-GS08 VISHAY-VLMPG33N1P2-GS08 Datasheet
222Kb / 8P
   Power SMD LED PLCC-2
More results

Podobny opis - VLMPG33N1P2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VLMPG33N1P2 VISHAY-VLMPG33N1P2 Datasheet
195Kb / 9P
   Power SMD LED PLCC-2
Rev. 1.2, 10-Sep-07
logo
HK TO-GRACE TECHNOLOGY ...
VLMW33S2V1-5K8L-08 TO-GRACE-VLMW33S2V1-5K8L-08 Datasheet
671Kb / 8P
   Power SMD LED PLCC-2
logo
Vishay Siliconix
VLMW33 VISHAY-VLMW33_V02 Datasheet
233Kb / 8P
   Power SMD LED PLCC-2
01-Jan-2023
VLMY335 VISHAY-VLMY335_V02 Datasheet
261Kb / 9P
   Power SMD LED PLCC-2
01-Jan-2023
VLMY333 VISHAY-VLMY333_V01 Datasheet
273Kb / 9P
   Power SMD LED PLCC-2
01-Jan-2022
VLMS333 VISHAY-VLMS333 Datasheet
231Kb / 9P
   Power SMD LED PLCC-2
Rev. 1.2, 24-Sep-13
VLMS334 VISHAY-VLMS334 Datasheet
266Kb / 8P
   Power SMD LED PLCC-2
Rev. 1.1, 07-Mar-17
VLMS333T2V2-GS08 VISHAY-VLMS333T2V2-GS08 Datasheet
1Mb / 8P
   Power SMD LED PLCC-2
Rev. 1.1, 30-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMK33Q2T1-GS08 TO-GRACE-VLMK33Q2T1-GS08 Datasheet
792Kb / 8P
   Power SMD LED PLCC-2
logo
Vishay Siliconix
VLM33 VISHAY-VLM33_V01 Datasheet
249Kb / 11P
   Power SMD LED PLCC-2
01-Jan-2022
VLMPG33N VISHAY-VLMPG33N Datasheet
222Kb / 8P
   Power SMD LED PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com