Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VLMR32ABBB-GS08 Arkusz danych(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Numer części VLMR32ABBB-GS08
Szczegółowy opis  Power SMD LED PLCC-4
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Strona internetowa  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMR32ABBB-GS08 Arkusz danych(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLMR32ABBB-GS08 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMR32ABBB-GS08 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMR32ABBB-GS08 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMR32ABBB-GS08 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMR32ABBB-GS08 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMR32ABBB-GS08 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMR32ABBB-GS08 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMR32ABBB-GS08 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMR32ABBB-GS08 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
VLMR32.., VLMK32.., VLMY32..
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 16-May-13
3
Document Number: 81819
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Relative Luminous Intensity vs. Angular Displacement
Fig. 3 - Relative Luminous Intensity vs. Forward Current
Fig. 4 - Relative Luminous Intensity vs. Forward Current
Fig. 5 - Change of Forward Voltage vs. Forward Current
Fig. 6 - Change of Forward Voltage vs. Forward Current
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
21013
Tamb - Ambient Temperature (°C)
0.4
0.2
0
95 10319
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10 20 30 40 50 60 70 80 90 100
yellow
21014
IF - Forward Current (mA)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
10 20 30 40 50 60 70 80 90 100
amber
21015
I
F - Forward Current (mA)
- 0.5
- 0.4
- 0.3
- 0.2
- 0.1
0
0.1
0.2
0.3
0.4
0.5
10 20 30 40 50 60 70 80 90 100
yellow
21016
IF - Forward Current (mA)
amber
- 0.5
- 0.4
- 0.3
- 0.2
- 0.1
0
0.1
0.2
0.3
0.4
0.5
10 20 30 40 50 60 70 80 90 100
21017
I
F - Forward Current (mA)


Podobny numer części - VLMR32ABBB-GS08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VLMR32ABBB-GS08 VISHAY-VLMR32ABBB-GS08 Datasheet
217Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.2, 16-May-13
More results

Podobny opis - VLMR32ABBB-GS08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VLMW32T2V1-5K8L-08 VISHAY-VLMW32T2V1-5K8L-08 Datasheet
293Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.1, 20-Jul-07
VLMR32 VISHAY-VLMR32 Datasheet
217Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.2, 16-May-13
VLMW321ABBB5K8L-08 VISHAY-VLMW321ABBB5K8L-08 Datasheet
910Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.2, 25-Apr-13
VLMW3200-GS08 VISHAY-VLMW3200-GS08 Datasheet
317Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.2, 30-Jul-08
VLMPG32 VISHAY-VLMPG32 Datasheet
1Mb / 9P
   Power SMD LED PLCC-4
Rev. 1.2, 30-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMS322T2V1-GS08 TO-GRACE-VLMS322T2V1-GS08 Datasheet
1Mb / 12P
   Power SMD LED PLCC-4
VLMPG32P1Q1-GS08 TO-GRACE-VLMPG32P1Q1-GS08 Datasheet
1Mb / 9P
   Power SMD LED PLCC-4
logo
Vishay Siliconix
VLMK322U1V2-GS08 VISHAY-VLMK322U1V2-GS08 Datasheet
239Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.3, 16-May-13
VLMK32ABBB-GS08 VISHAY-VLMK32ABBB-GS08 Datasheet
232Kb / 11P
   Power SMD LED PLCC-4
Rev. 1.0, 25-Feb-08
VLMPG32P1Q1-GS08 VISHAY-VLMPG32P1Q1-GS08 Datasheet
221Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.0, 05-May-08
TLMK32T2V1-GS18 VISHAY-TLMK32T2V1-GS18 Datasheet
309Kb / 15P
   Power SMD LED PLCC-4
Rev. 1.0, 22-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com